Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8760K/2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8760K/2
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K/2 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8760K/2 Datasheet HTML 1Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 2Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 3Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 4Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 5Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 6Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 7Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 8Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MBD222 - 2
TTL
OUTPUTS
27
D9 (MSB)
29
D8
31
D7
32
D6
33
D5
34
D4
35
D3
36
D2
40
D1
41
D0 (LSB)
26
IR
data outputs
43
VCCO4
42
VCCO3
25
VCCO1
28
CCO2
23
22
CS
OTC
V
ERROR
CORECTION
FINE
ADC
FINE
DAC
COARSE
ADC
AMP
SAMPLE
AND
HOLD
10
11
AMP
VrefH
VrefL
15
14
V
I
V
I
CCD1
V
3
CCD2
V
21
CLK
2
CLK
1
CCA3
V
17
CCA2
V
13
CCA1
V
7
24
OGND1
output ground
30
OGND2
output ground
37
OGND3
output ground
44
OGND4
output ground
TDA8760
8
AGND1
9
AGND2
12
AGND3
16
AGND4
4
DGND1
20
DGND2
digital ground
analog ground
Fig.1 Block diagram for SO187 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com