Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8760K/2 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8760K/2
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K/2 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8760K/2 Datasheet HTML 10Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 11Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 12Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 13Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 14Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 15Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 16Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 17Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
1996 Sep 12
14
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
Table 1 Output coding with differential inputs (typical values to AGND); VI(p-p) =VrefH − VrefL = 1.5 V
Table 2 Output coding with single inputs (typical values to AGND); VI(p-p) =VrefH − VrefL = 1.4 V; VI(p-p) = 3.7 V
Table 3 Mode selection.
Note
1. Where: X = don’t care.
CODE
VI(p-p)
VI(p-p)
IR
BINARY OUTPUTS
TWO’S COMPLEMENT
OUTPUTS
D9 TO D0
D9 TO D0
underflow
<3.025
>3.775
0
0 0 0 0 0 0 0 0 0 0
1 0 0 0 0 0 0 0 0 0
0
3.025
3.775
1
0 0 0 0 0 0 0 0 0 0
1 0 0 0 0 0 0 0 0 0
1
−−
1
0 0 0 0 0 0 0 0 0 1
1 0 0 0 0 0 0 0 0 1
•
−
−
•
••••••••••
••••••••••
511
3.40
3.40
1
0 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1
•
−
−
•
••••••••••
••••••••••
1022
−−
1
1 1 1 1 1 1 1 1 1 0
0 1 1 1 1 1 1 1 1 0
1023
3.775
3.025
1
1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1
overflow
>3.775
<3.025
0
1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1
CODE
VI(p-p)
IR
BINARY OUTPUTS
TWO’S COMPLEMENT
OUTPUTS
D9 TO D0
D9 TO D0
underflow
<3.0
0
0 0 0 0 0 0 0 0 0 0
1 0 0 0 0 0 0 0 0 0
0
3.0
1
0 0 0 0 0 0 0 0 0 0
1 0 0 0 0 0 0 0 0 0
1
−
1
0 0 0 0 0 0 0 0 0 1
1 0 0 0 0 0 0 0 0 1
•
−
•
• •••••••••
••••••••••
511
3.7
1
0 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1
•
−
•
• •••••••••
••••••••••
1022
−
1
1 1 1 1 1 1 1 1 1 0
0 1 1 1 1 1 1 1 1 0
1023
4.4
1
1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1
overflow
>4.4
0
1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1
OTC
CS
D0 TO D9 AND IR
1
1
binary; active
0
1
two’s complement; active
X(1)
0
high impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com