Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8760K/2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8760K/2
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K/2 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8760K/2 Datasheet HTML 1Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 2Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 3Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 4Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 5Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 6Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 7Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 8Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1996 Sep 12
3
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output supply voltage
4.75
5.0
5.25
V
ICCA
analog supply current
−
95
100
mA
ICCD
digital supply current
−
40
45
mA
ICCO
output supply current
−
35
40
mA
ILE
DC integral linearity error
fclk = 4 MHz
−±1.0
±2.0
LSB
DLE
DC differential linearity error
fclk = 4 MHz
−±0.6
±1.0
LSB
AILE
AC integral linearity error
fclk = 40 MHz;
fi = 4.43 MHz
−±1.2
±2.0
LSB
fclk(max)
maximum clock frequency
TDA8760K/2
20
−−
MHz
TDA8760K/4
40
−−
MHz
Ptot
total power dissipation
−
850
970
mW
Tamb
operating ambient temperature
0
−
+70
°C
TYPE
NUMBER
PACKAGE
SAMPLING
FREQUENCY
(MHz)
NAME
DESCRIPTION
VERSION
TDA8760K/2
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
20
TDA8760K/4
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com