Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8760K/2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8760K/2
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K/2 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8760K/2 Datasheet HTML 1Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 2Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 3Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 4Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 5Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 6Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 7Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 8Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1996 Sep 12
5
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
PINNING
SYMBOL
PIN
DESCRIPTION
CLK
1
clock input
CLK
2
complementary clock input
VCCD1
3
digital supply voltage (+5 V)
DGND1
4
digital ground
n.c.
5
not connected
n.c.
6
not connected
VCCA1
7
analog supply voltage (+5 V)
AGND1
8
analog ground
AGND2
9
analog ground
VI
10
analog input voltage
VI
11
complementary analog input voltage
AGND3
12
analog ground
VCCA2
13
analog supply voltage (+5 V)
VrefL
14
reference voltage LOW
VrefH
15
reference voltage HIGH
AGND4
16
analog ground
VCCA3
17
analog supply voltage (+5 V)
n.c.
18
not connected
n.c.
19
not connected
DGND2
20
digital ground
VCCD2
21
digital supply voltage (+5 V)
CS
22
chip select input (TTL level input; active HIGH)
OTC
23
output two’s complement
OGND1
24
output ground
VCCO1
25
output supply voltage (+5 V)
IR
26
in-range output
D9
27
data output, bit 9 (MSB)
VCCO2
28
output supply voltage (+5 V)
D8
29
data output, bit 8
OGND2
30
output ground
D7
31
data output, bit 7
D6
32
data output, bit 6
D5
33
data output, bit 5
D4
34
data output, bit 4
D3
35
data output, bit 3
D2
36
data output, bit 2
OGND3
37
output ground
n.c.
38
not connected
n.c.
39
not connected
D1
40
data output, bit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com