Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8760K/2 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA8760K/2
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K/2 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA8760K/2 Datasheet HTML 11Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 12Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 13Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 14Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 15Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 16Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 17Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 18Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
1996 Sep 12
15
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
Fig.3 Timing diagram.
CLK
MBD721
1.4 V
DATA
D0 to D7
t d
CPH
t
CPL
t
2.4 V
0.4 V
1.4 V
DATA
N + 1
DATA
N
DATA
N - 1
DATA
N - 2
dS
t
sample N + 1
sample N
sample N + 2
V
l
t HD
Fig.4 Timing diagram and test conditions of 3-state output delay time.
full pagewidth
MBD723
50 %
50 %
HIGH
LOW
dZH
t
dHZ
t
50 %
HIGH
LOW
dZL
t
dLZ
t
10 %
90 %
output
data
CS
VCCD
output
data
3.3 k
Ω
15 pF
S1
VCCD
TDA8760
CS
TEST
S1
tdLZ
VCCD
tdZL
VCCD
tdHZ
GND
tdZH
GND
CS = 100 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com