Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8760K/2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8760K/2
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K/2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8760K/2 Datasheet HTML 5Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 6Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 7Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 8Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 9Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 10Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 11Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 12Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1996 Sep 12
9
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
VI AND VI (REFERENCED TO AGND); see also Tables 1 and 2
IIL
LOW level input current
VrefH − VrefL = 1.5 V
−
7
−µA
IIH
HIGH level input current
VrefH − VrefL = 1.5 V
−
22
−µA
ZI
input impedance
fi = 4.43 MHz
−
2
−
k
Ω
CI
input capacitance
fi = 4.43 MHz
−
4.5
−
pF
VIoffset(d)
input offset voltage
differential mode; VI = VI;
output code 511; Table 1
VCCA = 5 V
3.3
3.4
3.6
V
VCCA = 4.75 V
3.2
−
3.45
V
VCCA = 5.25 V
3.3
−
3.8
V
VIoffset(s)
input offset voltage
single mode; VI =VIoffset(s);
output code 511; Table 2
VCCA = 5 V
3.6
3.7
3.8
V
VCCA = 4.75 V
3.5
−
3.65
V
VCCA = 5.25 V
3.6
−
4.0
V
Voltage controlled regulator inputs VrefH and VrefL (referenced to AGND); differential input
VrefH
reference voltage HIGH
4.0
4.5
VCCA
V
VrefL
reference voltage LOW
2.5
3.0
3.5
V
VI(p-p)
input voltage amplitude
(peak-to-peak value)
1.4
1.5
1.6
V
IrefH
input current at VrefH
−
10
−µA
IrefL
input current at VrefL
−
10
−µA
Voltage controlled regulator inputs VrefH and VrefL (referenced to AGND); single input
VrefH
reference voltage HIGH
4.0
4.4
VCCA
V
VrefL
reference voltage LOW
2.5
3.0
3.5
V
VI(p-p)
input voltage amplitude
(peak-to-peak value)
1.3
1.4
1.5
V
IrefH
input current at VrefH
−
10
−µA
IrefL
input current at VrefL
−
10
−µA
Outputs (referenced to DGND)
DIGITAL OUTPUTS D9 TO D0 AND IR (REFERENCED TO DGND)
VOL
LOW level output voltage
IO = 2 mA
0
−
0.4
V
VOH
HIGH level output voltage
IO = −0.4 mA
2.4
−
VCCD
V
IO
output current in 3-state
mode
0.4V<VO <VCCO
−20
−
+20
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com