Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8760K/2 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8760K/2
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K/2 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8760K/2 Datasheet HTML 7Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 8Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 9Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 10Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 11Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 12Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 13Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 14Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1996 Sep 12
11
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
EFFECTIVE BITS; notes 4 and 5; see Figs 6, 8 and 9
EB
effective bits
TDA8760K/2 (fclk = 20 MHz)
fi = 4.43 MHz
−
8.90
−
bits
fi = 7.5 MHz
−
8.70
−
bits
effective bits
TDA8760K/4 (fclk = 40 MHz)
fi = 4.43 MHz
−
8.80
−
bits
fi = 10 MHz
−
8.80
−
bits
fi = 15 MHz
−
8.70
−
bits
TWO-TONE
Two-tone
two-tone intermodulation
rejection
fclk = 40 MHz; note 8
−−65
−
dB
BIT ERROR RATE
BER
bit error rate
fclk = 40 MHz;
fi = 4.43 MHz; VI = ±16 LSB
at code 512
−
2
× 10−12 −
times/
samples
DIFFERENTIAL GAIN; SEE Fig.5
Gdiff
differential gain
fclk = 20 MHz; fi = 4.43 MHz
−
0.5
−
%
fclk = 40 MHz; fi = 4.43 MHz
−
1.0
−
%
DIFFERENTIAL PHASE
Φdiff
differential phase
fclk = 40 MHz; fi = 4.43 MHz
−
0.1
0.2
deg
Analog signal processing in single input mode; see Table 2; 50% clock duty factor; VI(p-p) =VrefH − VrefL = 1.4 V
LINEARITY
ILE
DC integral linearity error
fclk = 4 MHz
−±1.0
±2.0
LSB
DLE
DC differential linearity error
fclk = 4 MHz
−±0.6
±1.0
LSB
AILE
AC integral linearity error
note 3
−±1.2
±2.0
LSB
BANDWIDTH (fclk =40MHZ); note 9
B
Analog bandwidth
−1dB
−
140
−
MHz
−3dB
−
220
−
MHz
HARMONICS (fclk =40MHZ); see Fig.7
f1
fundamental harmonics
(full scale)
fi = 4.43 MHz
−−
0dB
fall
harmonics (full scale);
all components
fi = 4.43 MHz
second harmonics
−−61
−
dB
third harmonics
−−62
−
dB
THD
total harmonic distortion
fi = 4.43 MHz; note 2
−−59
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com