Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33F Datasheet(PDF) 42 Page - Microchip Technology

Part # DSPIC33F
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33F Datasheet(HTML) 42 Page - Microchip Technology

Back Button DSPIC33F Datasheet HTML 38Page - Microchip Technology DSPIC33F Datasheet HTML 39Page - Microchip Technology DSPIC33F Datasheet HTML 40Page - Microchip Technology DSPIC33F Datasheet HTML 41Page - Microchip Technology DSPIC33F Datasheet HTML 42Page - Microchip Technology DSPIC33F Datasheet HTML 43Page - Microchip Technology DSPIC33F Datasheet HTML 44Page - Microchip Technology DSPIC33F Datasheet HTML 45Page - Microchip Technology DSPIC33F Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
DS70152D-page 42
Preliminary
© 2007 Microchip Technology Inc.
RSS<1:0>
FSS
Secure Segment Data RAM Code Protection
11
= No Data RAM is reserved for Secure Segment
10
= Small-sized Secure RAM
[(256 – N) bytes of RAM are reserved for Secure Segment in all other
devices.]
01
= Medium-sized Secure RAM
[(2048 – N) bytes of RAM are reserved for Secure Segment in all other
devices.]
00
= Large-sized Secure RAM
[(4096 – N) bytes of RAM are reserved for Secure Segment in all other
devices.]
where N = Number of bytes of RAM reserved for Boot Sector.
Note 1: This
bit
is
Reserved
in
dsPIC33FJ12GP201/202,
dsPIC33FJ12MC201/202 and PIC24HJ12GP201/202.]
2: If the defined Boot Segment size is greater than or equal to
the defined Secure Segment, then the Secure Segment size
selection has no effect and the Secure Segment is disabled.
SSS<2:0>
FSS
Secure Segment Program Memory Code Protection
111
= No Secure Segment
110
= Standard security, Small-sized Secure Program Flash
[Secure Segment ends at 0x001FFF for dsPIC33FJ64GPxxx/
dsPIC33FJ64MCxxx/PIC24HJ64GPxxx devices, and at 0x003FFF in
other devices.]
101
= Standard security, Medium-sized Secure Program Flash
[Secure Segment ends at 0x003FFF for dsPIC33FJ64GPxxx/
dsPIC33FJ64MCxxx/PIC24HJ64GPxxx devices, and at 0x007FFF in
other devices.]
100
= Standard security, Large-sized Secure Program Flash
[Secure Segment ends at 0x007FFF for dsPIC33FJ64GPxxx/
dsPIC33FJ64MCxxx/PIC24HJ64GPxxx devices, and at 0x00FFFF in
other devices.]
011
= No Secure Segment
010
= High security, Small-sized Secure Program Flash
[Secure Segment ends at 0x001FFF for dsPIC33FJ64GPxxx/
dsPIC33FJ64MCxxx/PIC24HJ64GPxxx devices, and at 0x003FFF in
other devices.]
001
= High security, Medium-sized Secure Program Flash
[Secure Segment ends at 0x003FFF for dsPIC33FJ64GPxxx/
dsPIC33FJ64MCxxx/PIC24HJ64GPxxx devices, and at 0x007FFF in
other devices.]
000
= High security, Large-sized Secure Program Flash
[Secure Segment ends at 0x007FFF for dsPIC33FJ64GPxxx/
dsPIC33FJ64MCxxx/PIC24HJ64GPxxx devices, and at 0x00FFFF in
other devices.]
[Note: This bit is Reserved in dsPIC33FJ12GP201/202,
dsPIC33FJ12MC201/202 and PIC24HJ12GP201/202.]
SWRP
FSS
Secure Segment Program Memory Write Protection
1
= Secure Segment program memory is not write-protected
0
= Secure program memory is write-protected
[Note: This bit is Reserved in dsPIC33FJ12GP201/202,
dsPIC33FJ12MC201/202 and PIC24HJ12GP201/202.]
TABLE 3-3:
dsPIC33F/PIC24H CONFIGURATION BITS DESCRIPTION (CONTINUED)
Bit Field
Register
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com