Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33F Datasheet(PDF) 74 Page - Microchip Technology

Part # DSPIC33F
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33F Datasheet(HTML) 74 Page - Microchip Technology

Back Button DSPIC33F Datasheet HTML 70Page - Microchip Technology DSPIC33F Datasheet HTML 71Page - Microchip Technology DSPIC33F Datasheet HTML 72Page - Microchip Technology DSPIC33F Datasheet HTML 73Page - Microchip Technology DSPIC33F Datasheet HTML 74Page - Microchip Technology DSPIC33F Datasheet HTML 75Page - Microchip Technology DSPIC33F Datasheet HTML 76Page - Microchip Technology DSPIC33F Datasheet HTML 77Page - Microchip Technology DSPIC33F Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
DS70152D-page 74
Preliminary
© 2007 Microchip Technology Inc.
8.0
AC/DC CHARACTERISTICS
AND TIMING REQUIREMENTS
Table 8-1 lists AC/DC characteristics and timing
requirements.
TABLE 8-1:
AC/DC CHARACTERISTICS AND TIMING REQUIREMENTS
Standard Operating Conditions
Operating Temperature: –40
°C-85°C. Programming at 25°C is recommended.
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
D111
VDD
Supply Voltage During Programming
VDDCORE
3.60
V
Normal programming(1)
D112
IPP
Programming Current on MCLR
—5
μA
D113
IDDP
Supply Current During Programming
2
mA
D031
VIL
Input Low Voltage
VSS
0.2 VDD
V
D041
VIH
Input High Voltage
0.8 VDD
VDD
V
D080
VOL
Output Low Voltage
0.6
V
IOL = 8.5 mA @ 3.6V
D090
VOH
Output High Voltage
VDD – 0.7
V
IOH = -3.0 mA @ 3.6V
D012
CIO
Capacitive Loading on I/O pin (PGD)
50
pF
To meet AC specifications
D013
CF
Filter Capacitor Value on VCAP
110
μF
Required for controller core
P1
TPGC
Serial Clock (PGC) Period
136
ns
P1A
TPGCL
Serial Clock (PGC) Low Time
40
ns
P1B
TPGCH
Serial Clock (PGC) High Time
40
ns
P2
TSET1
Input Data Setup Time to Serial Clock
15
ns
P3
THLD1
Input Data Hold Time from PGC
15
ns
P4
TDLY1
Delay between 4-bit Command and
Command Operand
40
ns
P4A
TDLY1A
Delay between Command Operand and
Next 4-bit Command
40
ns
P5
TDLY2
Delay between Last PGC
↓ of Command
to First PGC
↑ of Read of Data Word
20
ns
P6
TSET2VDD
↑ Setup Time to MCLR ↑
100
ns
P7
THLD2
Input Data Hold Time from MCLR
25
ms
P8
TDLY3
Delay between Last PGC
↓ of Command
Byte to PGD
↑ by Programming Executive
12
μs
P9a
TDLY4
Programming Executive Command
Processing Time
10
μs
P9b
TDLY5
Delay between PGD
↓ by Programming
Executive to PGD Released by
Programming Executive
15
23
μs
P10
TDLY6
PGC Low Time After Programming
400
ns
P11
TDLY7
Bulk Erase Time
200
ms
P12
TDLY8
Page Erase Time
20
ms
P13
TDLY9
Row Programming Time
1.5
ms
P14
TR
MCLR Rise Time to Enter ICSP mode
1.0
μs
P15
TVALID
Data Out Valid from PGC
10
ns
P16
TDLY10
Delay between Last PGC
↓ and MCLR ↓
0—
s
P17
THLD3MCLR
↓ to VDD
100
ns
Note 1: VDD must also be supplied to the AVDD pins during programming. AVDD and AVSS should always be
within ±0.3V of VDD and VSS, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com