Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33F Datasheet(PDF) 43 Page - Microchip Technology

Part # DSPIC33F
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33F Datasheet(HTML) 43 Page - Microchip Technology

Back Button DSPIC33F Datasheet HTML 39Page - Microchip Technology DSPIC33F Datasheet HTML 40Page - Microchip Technology DSPIC33F Datasheet HTML 41Page - Microchip Technology DSPIC33F Datasheet HTML 42Page - Microchip Technology DSPIC33F Datasheet HTML 43Page - Microchip Technology DSPIC33F Datasheet HTML 44Page - Microchip Technology DSPIC33F Datasheet HTML 45Page - Microchip Technology DSPIC33F Datasheet HTML 46Page - Microchip Technology DSPIC33F Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70152D-page 43
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
GSS<1:0>
FGS
General Segment Code-Protect bit
11
= Code protection is disabled
10
= Standard security code protection is enabled
0x
= Reserved in dsPIC33FJ12GP201/202, dsPIC33FJ12MC201/202
and PIC24HJ12GP201/202. In all other devices, high security code
protection is enabled.
GWRP
FGS
General Segment Write-Protect bit
1
= General Segment program memory is not write-protected
0
= General Segment program memory is write-protected
IESO
FOSCSEL
Two-speed Oscillator Start-Up Enable bit
1
= Start up device with FRC, then automatically switch to the
user-selected oscillator source when ready
0
= Start up device with user-selected oscillator source
TEMP
FOSCSEL
Temperature Protection Enable bit
1
= Temperature protection disabled
0
= Temperature protection enabled
FNOSC<2:0>
FOSCSEL
Initial Oscillator Source Selection bits
111
= Internal Fast RC (FRC) oscillator
110
= Reserved
101
= LPRC oscillator
100
= Secondary (LP) oscillator
011
= Primary (XT, HS, EC) oscillator with PLL
010
= Primary (XT, HS, EC) oscillator
001
= Internal Fast RC (FRC) oscillator with PLL
000
= Reserved
FCKSM<1:0>
FOSC
Clock Switching Mode bits
1x
= Clock switching is disabled, Fail-Safe Clock Monitor is disabled
01
= Clock switching is enabled, Fail-Safe Clock Monitor is disabled
00
= Clock switching is enabled, Fail-Safe Clock Monitor is enabled
IOL1WAY
FOSC
Peripheral Pin Select Configuration
1
= Allow only one reconfiguration
0
= Allow multiple reconfigurations
[Note: This bit is only present in the dsPIC33FJ12GP201/202,
dsPIC33FJ12MC201/202 and PIC24HJ12GP201/202 devices.]
OSCIOFNC
FOSC
OSC2 Pin Function bit (except in XT and HS modes)
1
= OSC2 is clock output
0
= OSC2 is general purpose digital I/O pin
POSCMD<1:0>
FOSC
Primary Oscillator Mode Select bits
11
= Primary oscillator disabled
10
= HS crystal oscillator mode
01
= XT crystal oscillator mode
00
= EC (external clock) mode
FWDTEN
FWDT
Watchdog Enable bit
1
= Watchdog always enabled (LPRC oscillator cannot be disabled.
Clearing the SWDTEN bit in the RCON register will have no effect)
0
= Watchdog enabled/disabled by user software (LPRC can be
disabled by clearing the SWDTEN bit in the RCON register)
WINDIS
FWDT
Watchdog Timer Window Enable bit
1
= Watchdog Timer in Non-Window mode
0
= Watchdog Timer in Window mode
WDTPRE
FWDT
Watchdog Timer Prescaler bit
1
= 1:128
0
= 1:32
TABLE 3-3:
dsPIC33F/PIC24H CONFIGURATION BITS DESCRIPTION (CONTINUED)
Bit Field
Register
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com