Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33F Datasheet(PDF) 54 Page - Microchip Technology

Part # DSPIC33F
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33F Datasheet(HTML) 54 Page - Microchip Technology

Back Button DSPIC33F Datasheet HTML 50Page - Microchip Technology DSPIC33F Datasheet HTML 51Page - Microchip Technology DSPIC33F Datasheet HTML 52Page - Microchip Technology DSPIC33F Datasheet HTML 53Page - Microchip Technology DSPIC33F Datasheet HTML 54Page - Microchip Technology DSPIC33F Datasheet HTML 55Page - Microchip Technology DSPIC33F Datasheet HTML 56Page - Microchip Technology DSPIC33F Datasheet HTML 57Page - Microchip Technology DSPIC33F Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
DS70152D-page 54
Preliminary
© 2007 Microchip Technology Inc.
4.3.1.3
QE_Code Field
The QE_Code is a byte in the first word of the
response. This byte is used to return data for query
commands and error codes for all other commands.
When the programming executive processes one of the
two query commands (QBLANK or QVER), the returned
opcode is always PASS and the QE_Code holds the
query response data. The format of the QE_Code for
both queries is shown in Table 4-3.
TABLE 4-3:
QE_Code FOR QUERIES
When the programming executive processes any
command other than a Query, the QE_Code repre-
sents an error code. Supported error codes are shown
in Table 4-4. If a command is successfully processed,
the returned QE_Code is set to 0x0, which indicates
that there was no error in the command processing. If
the verify of the programming for the PROGP or PROGC
command fails, the QE_Code is set to 0x1. For all other
programming executive errors, the QE_Code is 0x2.
TABLE 4-4:
QE_Code FOR NON-QUERY
COMMANDS
4.3.1.4
Response Length
The response length indicates the length of the
programming executive’s response in 16-bit words.
This field includes the 2 words of the response header.
With the exception of the response for the READP
command, the length of each response is only 2 words.
The response to the READP command uses the packed
instruction word format described in Section 4.2.2
“Packed Data Format”. When reading an odd number
of program memory words (N odd), the response to the
READP
command is (3 * (N + 1) / 2 + 2) words. When
reading an even number of program memory words
(N even), the response to the READP command is (3 *
N / 2 + 2) words.
Query
QE_Code
QBLANK
0x0F = Code memory is NOT blank
0xF0 = Code memory is blank
QVER
0xMN, where programming executive
software version = M.N
(i.e., 0x32 means software version 3.2).
QE_Code
Description
0x0
No error.
0x1
Verify failed.
0x2
Other error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com