Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33F Datasheet(PDF) 53 Page - Microchip Technology

Part # DSPIC33F
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33F Datasheet(HTML) 53 Page - Microchip Technology

Back Button DSPIC33F Datasheet HTML 49Page - Microchip Technology DSPIC33F Datasheet HTML 50Page - Microchip Technology DSPIC33F Datasheet HTML 51Page - Microchip Technology DSPIC33F Datasheet HTML 52Page - Microchip Technology DSPIC33F Datasheet HTML 53Page - Microchip Technology DSPIC33F Datasheet HTML 54Page - Microchip Technology DSPIC33F Datasheet HTML 55Page - Microchip Technology DSPIC33F Datasheet HTML 56Page - Microchip Technology DSPIC33F Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70152D-page 53
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
4.2.12
QVER
COMMAND
The QVER command queries the version of the
programming
executive
software
stored
in
test
memory. The “version.revision” information is returned
in the response’s QE_Code using a single byte with the
following format: main version in upper nibble and
revision in the lower nibble (i.e., 0x23 means
version 2.3 of programming executive software).
Expected Response (2 words):
0x1BMN (where “MN” stands for version M.N)
0x0002
4.3
Programming Executive
Responses
The programming executive sends a response to the
programmer for each command that it receives. The
response indicates if the command was processed
correctly. It includes any required response data or
error data.
The programming executive response set is shown in
Table 4-2. This table contains the opcode, mnemonic
and description for each response. The response format
is described in Section 4.3.1 “Response Format”.
TABLE 4-2:
PROGRAMMING EXECUTIVE
RESPONSE OPCODES
4.3.1
RESPONSE FORMAT
All programming executive responses have a general
format consisting of a two-word header and any
required data for the command.
4.3.1.1
Opcode Field
The opcode is a 4-bit field in the first word of the
response. The opcode indicates how the command
was processed (see Table 4-2). If the command was
processed successfully, the response opcode is PASS.
If there was an error in processing the command, the
response opcode is FAIL and the QE_Code indicates
the reason for the failure. If the command sent to
the programming executive is not identified, the
programming executive returns a NACK response.
4.3.1.2
Last_Cmd Field
The Last_Cmd is a 4-bit field in the first word of
the response and indicates the command that the
programming executive processed. Since the program-
ming executive can only process one command at a
time, this field is technically not required. However, it
can be used to verify that the programming executive
correctly received the command that the programmer
transmitted.
15
12 11
0
Opcode
Length
Field
Description
Opcode
0xB
Length
0x1
Opcode
Mnemonic
Description
0x1
PASS
Command successfully
processed.
0x2
FAIL
Command unsuccessfully
processed.
0x3
NACK
Command not known.
Field
Description
Opcode
Response opcode.
Last_Cmd
Programmer command that
generated the response.
QE_Code
Query code or error code.
Length
Response length in 16-bit words
(includes 2 header words).
D_1
First 16-bit data word (if applicable).
D_N
Last 16-bit data word (if applicable).
15
12 11
8 7
0
Opcode
Last_Cmd
QE_Code
Length
D_1 (if applicable)
...
D_N (if applicable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com