Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33F Datasheet(PDF) 52 Page - Microchip Technology

Part # DSPIC33F
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33F Datasheet(HTML) 52 Page - Microchip Technology

Back Button DSPIC33F Datasheet HTML 48Page - Microchip Technology DSPIC33F Datasheet HTML 49Page - Microchip Technology DSPIC33F Datasheet HTML 50Page - Microchip Technology DSPIC33F Datasheet HTML 51Page - Microchip Technology DSPIC33F Datasheet HTML 52Page - Microchip Technology DSPIC33F Datasheet HTML 53Page - Microchip Technology DSPIC33F Datasheet HTML 54Page - Microchip Technology DSPIC33F Datasheet HTML 55Page - Microchip Technology DSPIC33F Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
DS70152D-page 52
Preliminary
© 2007 Microchip Technology Inc.
4.2.10
PROGW
COMMAND
The PROGW command instructs the programming exec-
utive to program one word of code memory (3 bytes) to
the specified memory address.
After the word has been programmed to code memory,
the programming executive verifies the programmed
data against the data in the command.
Expected Response (2 words):
0x1600
0x0002
4.2.11
QBLANK
COMMAND
The QBLANK command queries the programming exec-
utive to determine if the contents of code memory are
blank (contains all ‘1’s). The size of code memory to
check must be specified in the command.
The Blank Check for code memory begins at 0x0 and
advances toward larger addresses for the specified
number of instruction words.
QBLANK returns a QE_Code of 0xF0 if the specified
code memory and code-protect bits are blank;
otherwise, QBLANK returns a QE_Code of 0x0F.
Expected Response (2 words for blank device):
0x1AF0
0x0002
Expected Response (2 words for non-blank device):
0x1A0F
0x0002
15
12 11
8 7
0
Opcode
Length
Reserved
Addr_MSB
Addr_LS
Data_LS
Reserved
Data_MSB
Field
Description
Opcode
0x6
Length
0x5
Reserved
0x0
Addr_MSB
MSB of 24-bit destination address
Addr_LS
Least Significant 16 bits of 24-bit
destination address
Data_MSB
MSB of 24-bit data
Data_LS
Least Significant 16 bits of 24-bit
data
15
12 11
0
Opcode
Length
PSize
Field
Description
Opcode
0xA
Length
0x2
PSize
Length of program memory to check
(in 24-bit words) +1, up to a max of
49152
Note:
The QBLANK command does not check
the system operation Configuration bits
since these bits are not set to ‘1’ when a
Chip Erase is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com