Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9394 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9394
Description  2:1 Multiplexers and 1:2 Demultiplexers with Loopback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9394 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9394 Datasheet HTML 5Page - Maxim Integrated Products MAX9394 Datasheet HTML 6Page - Maxim Integrated Products MAX9394 Datasheet HTML 7Page - Maxim Integrated Products MAX9394 Datasheet HTML 8Page - Maxim Integrated Products MAX9394 Datasheet HTML 9Page - Maxim Integrated Products MAX9394 Datasheet HTML 10Page - Maxim Integrated Products MAX9394 Datasheet HTML 11Page - Maxim Integrated Products MAX9394 Datasheet HTML 12Page - Maxim Integrated Products MAX9394 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Detailed Description
The LVDS interface standard provides a signaling
method for point-to-point communication over a con-
trolled-impedance medium as defined by the ANSI
TIA/EIA-644 standard. LVDS utilizes a lower voltage
swing than other communication standards, achieving
higher data rates with reduced power consumption,
while reducing EMI emissions and system susceptibility
to noise.
The MAX9394/MAX9395 high-speed, low-power 2:1
multiplexers and 1:2 demultiplexers with loopback pro-
vide signal redundancy switching in telecom and stor-
age applications. These devices select one of two
remote signal sources for local input and buffer a single
local output signal to two remote receivers.
The multiplexer section (channel B) accepts two differen-
tial inputs and generates a single LVDS output. The
demultiplexer section (channel A) accepts a single differ-
ential input and generates two parallel LVDS outputs. The
MAX9394/MAX9395 feature a loopback mode that con-
nects the input of channel A to the output of channel B
and connects the selected input of channel B to the out-
puts of channel A. LB_SELA and LB_SELB provide inde-
pendent loopback control for each channel.
Three LVCMOS/LVTTL logic inputs control the internal
connections between inputs and outputs, one for the
multiplexer portion of channel B (BSEL), and the other
two for loopback control of channels A and B (LB_SELA
and LB_SELB). Independent enable inputs for each dif-
ferential output pair provide additional flexibility.
Input Fail-Safe
The differential inputs of the MAX9394/MAX9395 pos-
sess internal fail-safe protection. Fail-safe circuitry
forces the outputs to a differential-low condition for
undriven inputs or when the common-mode voltage
exceeds the specified range. The MAX9394 provides
high-level input fail-safe detection for LVDS, HSTL, and
other GND-referenced differential inputs. The MAX9395
provides low-level input fail-safe detection for LVPECL,
CML, and other VCC-referenced differential inputs.
Select Function
BSEL selects the differential input pair to transmit
through OUTB (OUTB) for LB_SELB = GND or through
OUTA_ (OUTA_) for LB_SELA = VCC. LB_SEL_ controls
the loopback function for each channel. Connect
LB_SEL_ to GND to select the normal inputs for each
channel. Connect LB_SEL_ to VCC to enable the loop-
back function. The loopback function routes the input of
channel A to the output of channel B, and the inputs of
channel B to the outputs of channel A. See Tables 1
and 2 for a summary of the input/output routing
between channels.
Enable Function
The EN_ _ logic inputs enable and disable each set of
differential outputs. Connect EN_ 0 to VCC to enable the
OUT_0/OUT_0 differential output pair. Connect EN_0 to
GND to disable the OUT_0/OUT_0 differential output
pair. The differential output pairs assert to a differential
low condition when disabled.
Applications Information
Differential Inputs
The MAX9394/MAX9395 inputs accept any differential
signaling standard within the specified common-mode
voltage range. The fail-safe feature detects common-
mode input signal levels and generates a differential
output low condition for undriven inputs or when the
common-mode voltage exceeds the specified range
(VCM
≥ VCC - 0.6V, MAX9394; VCM ≤ 0.6V, MAX9395).
Leave unused inputs unconnected or connect to VCC
for the MAX9394 or to GND for the MAX9395.
2:1 Multiplexers and 1:2 Demultiplexers with
Loopback
_______________________________________________________________________________________
9
VOD = VOUT_ _ - VOUT_ _
VOD = 0V
tCCS
VOD = 0V
VOD = 0V
VOD = 0V
tCCS
VOUTA0
VOUTA0
VOUTA1
VOUTA1
Figure 6. Output Channel-to-Channel Skew



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com