Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9394 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9394
Description  2:1 Multiplexers and 1:2 Demultiplexers with Loopback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9394 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9394 Datasheet HTML 2Page - Maxim Integrated Products MAX9394 Datasheet HTML 3Page - Maxim Integrated Products MAX9394 Datasheet HTML 4Page - Maxim Integrated Products MAX9394 Datasheet HTML 5Page - Maxim Integrated Products MAX9394 Datasheet HTML 6Page - Maxim Integrated Products MAX9394 Datasheet HTML 7Page - Maxim Integrated Products MAX9394 Datasheet HTML 8Page - Maxim Integrated Products MAX9394 Datasheet HTML 9Page - Maxim Integrated Products MAX9394 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2:1 Multiplexers and 1:2 Demultiplexers with
Loopback
6
_______________________________________________________________________________________
Pin Description (continued)
PIN
NAME
FUNCTION
21
ENA0
Channel A0 Output Enable. Drive ENA0 high to enable the A0 LVDS outputs. An internal 435k
Ω resistor
to GND pulls ENA0 low when unconnected.
22
OUTA0
Channel A0 LVDS Inverting Output. Connect a 100
Ω termination resistor between OUTA0 and OUTA0 at
the receiver inputs to ensure proper operation.
23
OUTA0
Channel A0 LVDS Noninverting Output. Connect a 100
Ω termination resistor between OUTA0 and
OUTA0 at the receiver inputs to ensure proper operation.
26
INA
LVDS/HSTL (MAX9394) or LVPECL/CML (MAX9395) Noninverting Input. An internal 128k
Ω pullup
resistor to VCC pulls the input high when unconnected (MAX9394). An internal 68k
Ω resistor to GND
pulls the input low when unconnected (MAX9395).
27
INA
LVDS/HSTL (MAX9394) or LVPECL/CML (MAX9395) Inverting Input. An internal 128k
Ω pullup resistor to
VCC pulls the input high when unconnected (MAX9394). An internal 68k
Ω resistor to GND pulls the input
low when unconnected (MAX9395).
28
LB_SELA
Loopback Select for Channel A Output. Connect LB_SELA to GND or leave unconnected to reproduce
the INA (INA) differential inputs at OUTA_ (OUTA_). Connect LB_SELA to VCC to loop back the INB_
(INB_) differential inputs to OUTA_ (OUTA_). An internal 435k
Ω resistor to GND pulls LB_SELA low when
unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com