Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9394 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9394
Description  2:1 Multiplexers and 1:2 Demultiplexers with Loopback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9394 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9394 Datasheet HTML 1Page - Maxim Integrated Products MAX9394 Datasheet HTML 2Page - Maxim Integrated Products MAX9394 Datasheet HTML 3Page - Maxim Integrated Products MAX9394 Datasheet HTML 4Page - Maxim Integrated Products MAX9394 Datasheet HTML 5Page - Maxim Integrated Products MAX9394 Datasheet HTML 6Page - Maxim Integrated Products MAX9394 Datasheet HTML 7Page - Maxim Integrated Products MAX9394 Datasheet HTML 8Page - Maxim Integrated Products MAX9394 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2:1 Multiplexers and 1:2 Demultiplexers with
Loopback
_______________________________________________________________________________________
5
Pin Description
PIN
NAME
FUNCTION
1, 2, 3, 30,
31, 32
N.C.
No Connection. Not internally connected.
4, 9, 20, 25
GND
Ground
5
ENB
Channel B Output Enable. Drive ENB high to enable the LVDS outputs for channel B. An internal 435k
Ω
resistor to GND pulls ENB low when unconnected.
6
OUTB
Channel B LVDS Noninverting Output. Connect a 100
Ω termination resistor between OUTB and OUTB at
the receiver inputs to ensure proper operation.
7
OUTB
Channel B LVDS Inverting Output. Connect a 100
Ω termination resistor between OUTB and OUTB at the
receiver inputs to ensure proper operation.
8, 13, 24,
29
VCC
Power-Supply Input. Bypass each VCC to GND with a 0.1µF and 0.01µF ceramic capacitor. Install both
bypass capacitors as close to the device as possible, with the 0.01µF capacitor closest to the device.
10
INB0
LVDS/HSTL (MAX9394) or LVPECL/CML (MAX9395) Inverting Input. An internal 128k
Ω pullup resistor to
VCC pulls the input high when unconnected (MAX9394). An internal 68k
Ω resistor to GND pulls the input
low when unconnected (MAX9395).
11
INB0
LVDS/HSTL (MAX9394) or LVPECL/CML (MAX9395) Noninverting Input. An internal 128k
Ω pullup
resistor to VCC pulls the input high when unconnected (MAX9394). An internal 68k
Ω resistor to GND
pulls the input low when unconnected (MAX9395).
12
LB_SELB
Loopback Select for Channel B Output. Connect LB_SELB to GND or leave unconnected to reproduce
the INB_ (INB_) differential inputs at OUTB (OUTB). Connect LB_SELB to VCC to loop back the INA (INA)
differential inputs to OUTB (OUTB). An internal 435k
Ω resistor to GND pulls LB_SELB low when
unconnected.
14
INB1
LVDS/HSTL (MAX9394) or LVPECL/CML (MAX9395) Inverting Input. An internal 128k
Ω pullup resistor to
VCC pulls the input high when unconnected (MAX9394). An internal 68k
Ω resistor to GND pulls the input
low when unconnected (MAX9395).
15
INB1
LVDS/HSTL (MAX9394) or LVPECL/CML (MAX9395) Noninverting Input. An internal 128k
Ω pullup
resistor to VCC pulls the input high when unconnected (MAX9394). An internal 68k
Ω resistor to GND
pulls the input low when unconnected (MAX9395).
16
BSEL
Channel B Multiplexer Control Input. Selects the differential input to reproduce at the B channel
differential output. Connect BSEL to GND or leave unconnected to select the INB0 (INB0) set of inputs.
Connect BSEL to VCC to select the INB1 (INB1) set of inputs. An internal 435k
Ω resistor to GND pulls
BSEL low when unconnected.
17
ENA1
Channel A1 Output Enable. Drive ENA1 high to enable the A1 LVDS outputs. An internal 435k
Ω resistor
to GND pulls the ENA1 low when unconnected.
18
OUTA1
Channel A1 LVDS Inverting Output. Connect a 100
Ω termination resistor between OUTA1 and OUTA1 at
the receiver inputs to ensure proper operation.
19
OUTA1
Channel A1 LVDS Noninverting Output. Connect a 100
Ω termination resistor between OUTA1 and
OUTA1 at the receiver inputs to ensure proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com