Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9394 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9394
Description  2:1 Multiplexers and 1:2 Demultiplexers with Loopback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9394 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9394 Datasheet HTML 1Page - Maxim Integrated Products MAX9394 Datasheet HTML 2Page - Maxim Integrated Products MAX9394 Datasheet HTML 3Page - Maxim Integrated Products MAX9394 Datasheet HTML 4Page - Maxim Integrated Products MAX9394 Datasheet HTML 5Page - Maxim Integrated Products MAX9394 Datasheet HTML 6Page - Maxim Integrated Products MAX9394 Datasheet HTML 7Page - Maxim Integrated Products MAX9394 Datasheet HTML 8Page - Maxim Integrated Products MAX9394 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2:1 Multiplexers and 1:2 Demultiplexers with
Loopback
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +4.1V
IN_ _, IN_ _, OUT_ _, OUT_ _, EN_ _, _SEL, LB_SEL_
to GND........................................................-0.3V to (VCC + 0.3V)
IN_ _ to IN_ _..........................................................................±3V
Short-Circuit Duration (OUT_ _, OUT_ _) ...................Continuous
Continuous Power Dissipation (TA = +70°C)
32-Pin TQFP (derate 13.1mW/°C above +70°C)........1047mW
Junction-to-Ambient Thermal Resistance in Still Air
32-Pin TQFP............................................................+76.4°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
ESD Protection (Human Body Model)
(IN_ _, IN_ _, OUT_ _, OUT_ _, EN_ _, SEL_, LB_SEL_) ..±2kV
Soldering Temperature (10s) ...........................................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V, RL = 100
Ω ±1%, EN_ _ = VCC, VCM = +0.05V to (VCC - 0.6V) (MAX9394), VCM = +0.06V to (VCC - 0.05V)
(MAX9395), TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3.3V, |VID| = 0.2V, VCM = 1.2V, TA = +25°C.)
(Notes 1, 2, and 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVCMOS/LVTTL INPUTS (EN_ _, BSEL, LB_SEL_)
Input High Voltage
VIH
2.0
VCC
V
Input Low Voltage
VIL
0
0.8
V
Input High Current
IIH
VIN = 2.0V to VCC
020
µA
Input Low Current
IIL
VIN = 0V to 0.8V
0
10
µA
DIFFERENTIAL INPUTS (IN_ _,
IN_ _)
Differential Input Voltage
VID
VILD > 0V and VIHD < VCC, Figure 1
0.1
3.0
V
MAX9394
0.05
VCC -
0.6
Input Common-Mode Range
VCM
MAX9395
0.6
VCC -
0.05
V
MAX9394
|VID| < 3.0V
-75
10
Input Current
IIN_ _,
IIN_ _
MAX9395
|VID| < 3.0V
-10
100
µA
LVDS OUTPUTS (OUT_ _,
OUT_ _)
Differential Output Voltage
VOD
RL = 100
Ω, Figure 2
250
350
450
mV
Change in Magnitude of VOD
Between Complementary Output
States
ΔVOD
Figure 2
1.0
50
mV
Offset Common-Mode Voltage
VOS
Figure 2
1.125
1.25
1.375
V
Change in Magnitude of VOS
Between Complementary Output
States
ΔVOS
Figure 2
1.0
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com