Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9394 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9394
Description  2:1 Multiplexers and 1:2 Demultiplexers with Loopback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9394 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9394 Datasheet HTML 1Page - Maxim Integrated Products MAX9394 Datasheet HTML 2Page - Maxim Integrated Products MAX9394 Datasheet HTML 3Page - Maxim Integrated Products MAX9394 Datasheet HTML 4Page - Maxim Integrated Products MAX9394 Datasheet HTML 5Page - Maxim Integrated Products MAX9394 Datasheet HTML 6Page - Maxim Integrated Products MAX9394 Datasheet HTML 7Page - Maxim Integrated Products MAX9394 Datasheet HTML 8Page - Maxim Integrated Products MAX9394 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2:1 Multiplexers and 1:2 Demultiplexers with
Loopback
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT_ _ or VOUT_ _ = 0V
30
40
Output Short-Circuit Current
(Output(s) Shorted to GND)
|IOS|
VID =
±100mV
(Note 4)
VOUT_ _ =
VOUT_ _ = 0V
17
24
mA
Output Short-Circuit Current
(Outputs Shorted Together)
|IOSB|
VID =
±100mV, VOUT_ _ = VOUT_ _ (Note 4)
512
mA
SUPPLY CURRENT
RL = 100
Ω, EN_ _ = VCC
53
65
Supply Current
ICC
RL = 100
Ω, EN_ _ = VCC, switching at
670MHz (1.34Gbps)
53
65
mA
Note 1: Measurements obtained with the device in thermal equilibrium. All voltages referenced to GND except VID, VOD, and
ΔVOD.
Note 2: Current into the device defined as positive. Current out of the device defined as negative.
Note 3: DC parameters production tested at TA = +25°C and guaranteed by design and characterization for TA = -40°C to +85°C.
Note 4: Current through either output.
Note 5: Guaranteed by design and characterization. Limits set at ±6 sigma.
Note 6: tSKEW is the magnitude difference of differential propagation delays for the same output over the same condtions. tSKEW =
|tPHL - tPLH|.
Note 7: Measured between outputs of the same device at the signal crossing points for a same-edge transition under the same con-
ditions. Does not apply to loopback mode.
Note 8: Device jitter added to the differential input signal.
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.0V to 3.6V, RL = 100
Ω ±1%, EN_ _ = VCC, VCM = 0.05V to (VCC - 0.6V) (MAX9394), VCM = 0.06V to (VCC - 0.05V)
(MAX9395), TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3.3V, |VID| = 0.2V, VCM = 1.2V, TA = +25°C.)
(Notes 1, 2, and 3)
AC ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V, fIN < 1.34GHz, tR_IN = tF_IN = 125ps, RL = 100
Ω ±1%, |VID| ≥ 150mV, VCM = 0.075V to (VCC - 0.6V) (MAX9394
only), VCM = 0.6V to (VCC - 0.075V) (MAX9395 only), EN_ _ = VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are
at VCC = 3.3V, |VID| = 0.2V, VCM = 1.2V, fIN = 1.34GHz, TA = +25°C.) (Note 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SEL to Switched Output
tSWITCH
Figure 3
1.1
ns
Disable Time to Differential
Output Low
tPHD
Figure 4
1.7
ns
Enable Time to Differential Output
High
tPDH
Figure 4
1.7
ns
Switching Frequency
fMAX
VOD > 250mV
1.5
2.2
GHz
Low-to-High Propagation Delay
tPLH
Figures 1, 5
340
567
720
ps
High-to-Low Propagation Delay
tPHL
Figures 1, 5
340
562
720
ps
Pulse Skew |tPLH – tPHL|tSKEW
Figures 1, 5 (Note 6)
12.4
86
ps
Output Channel-to-Channel Skew
tCCS
Figure 6 (Note 7)
16
87
ps
Output Low-to-High Transition
Time (20% to 80%)
tR
fIN_ _ = 100MHz, Figures 1, 5
112
154
187
ps
Output High-to-Low Transition
Time (80% to 20%)
tF
fIN_ _ = 100MHz, Figures 1, 5
112
152
187
ps
Added Random Jitter
tRJ
fIN_ _ = 1.34GHz, clock pattern (Note 8)
2
ps(RMS)
Added Deterministic Jitter
tDJ
1.34Gbps, 2
23 - 1 PRBS (Note 8)
60
91
psP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com