Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9394 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9394
Description  2:1 Multiplexers and 1:2 Demultiplexers with Loopback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9394 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9394 Datasheet HTML 1Page - Maxim Integrated Products MAX9394 Datasheet HTML 2Page - Maxim Integrated Products MAX9394 Datasheet HTML 3Page - Maxim Integrated Products MAX9394 Datasheet HTML 4Page - Maxim Integrated Products MAX9394 Datasheet HTML 5Page - Maxim Integrated Products MAX9394 Datasheet HTML 6Page - Maxim Integrated Products MAX9394 Datasheet HTML 7Page - Maxim Integrated Products MAX9394 Datasheet HTML 8Page - Maxim Integrated Products MAX9394 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX9394/MAX9395 consist of a 2:1 multiplexer
and a 1:2 demultiplexer with loopback. The multiplexer
section (channel B) accepts two low-voltage differential
signaling (LVDS) inputs and generates a single LVDS
output. The demultiplexer section (channel A) accepts
a single LVDS input and generates two parallel LVDS
outputs. The MAX9394/MAX9395 feature a loopback
mode that connects the input of channel A to the output
of channel B and connects the selected input of chan-
nel B to the outputs of channel A.
Three LVCMOS/LVTTL logic inputs control the internal
connections between inputs and outputs, one for the
multiplexer portion of channel B (BSEL), and the other
two for loopback control of channels A and B (LB_SELA
and LB_SELB). Independent enable inputs for each dif-
ferential output pair provide additional flexibility.
Fail-safe circuitry forces the outputs to a differential low
condition for undriven inputs or when the common-
mode voltage exceeds the specified range. The
MAX9394 provides high-level input fail-safe detection
for HSTL, LVDS, and other GND-referenced differential
inputs. The MAX9395 provides low-level fail-safe detec-
tion for CML, LVPECL, and other VCC-referenced differ-
ential inputs.
Ultra low 91psP-P (max) pseudorandom bit sequence
(PRBS) jitter ensures reliable communications in high-
speed links that are highly sensitive to timing error,
especially those incorporating clock-and-data recovery,
or serializers and deserializers. The high-speed switch-
ing performance guarantees 1.5GHz operation and less
than 87ps (max) skew between channels.
LVDS inputs and outputs are compatible with the
TIA/EIA-644 LVDS standard. The LVDS outputs drive
100
Ω loads. The MAX9394/MAX9395 are offered in a
32-pin TQFP package and operate over the extended
temperature range (-40°C to +85°C).
Applications
High-Speed Telecom/Datacom Equipment
Central Office Backplane Clock Distribution
DSLAM
Protection Switching
Fault-Tolerant Systems
Features
♦ Guaranteed 1.5GHz Operation with 250mV
Differential Output Swing
♦ Simultaneous Loopback Control
♦ 2ps(RMS) (max) Random Jitter
♦ AC Specifications Guaranteed for 150mV
Differential Input
♦ Signal Inputs Accept Any Differential Signaling
Standard
♦ LVDS Outputs for Clock or High-Speed Data
♦ High-Level Input Fail-Safe Detection (MAX9394)
♦ Low-Level Input Fail-Safe Detection (MAX9395)
♦ 3.0V to 3.6V Supply Voltage Range
♦ LVCMOS/LVTTL Logic Inputs
2:1 Multiplexers and 1:2 Demultiplexers with
Loopback
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
0.1
μF
0.01
μF
3.0V TO
3.6V
OUTA0
OUTA0
LVDS
RECEIVER
INA
INA
ENA0
ENA1
ENB
GND
GND
GND
GND
OUTA1
OUTA1
OUTB
OUTB
LVCMOS/LVTTL
LOGIC INPUTS
LB_SELA
LB_SELB
BSEL
INB0
INB0
100
Ω
Z0 = 50
Ω
Z0 = 50
Ω
MAX9394
MAX9395
VCC
INB1
INB1
Z0 = 50
Ω
Z0 = 50
Ω
100
Ω
Z0 = 50
Ω
Z0 = 50
Ω
Z0 = 50
Ω
Z0 = 50
Ω
Typical Operating Circuit
19-2878; Rev 1; 5/07
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX9394EHJ
-40°C to +85°C
32 TQFP
H32-1
MAX9394EHJ+
-40°C to +85°C
32 TQFP
H32-1
MAX9395EHJ
-40°C to +85°C
32 TQFP
H32-1
MAX9395EHJ+
-40°C to +85°C
32 TQFP
H32-1
Pin Configurations and Functional Diagram appear at end
of data sheet.
+Denotes a lead-free package.


Similar Part No. - MAX9394

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9394 MAXIM-MAX9394 Datasheet
361Kb / 13P
2:1 Multiplexers and 1:2 Demultiplexers with Loopback
Rev 0; 7/03
MAX9394-MAX9395 MAXIM-MAX9394-MAX9395 Datasheet
361Kb / 13P
2:1 Multiplexers and 1:2 Demultiplexers with Loopback
Rev 0; 7/03
MAX9394EHJ MAXIM-MAX9394EHJ Datasheet
361Kb / 13P
2:1 Multiplexers and 1:2 Demultiplexers with Loopback
Rev 0; 7/03
MAX9394ETI MAXIM-MAX9394ETI Datasheet
361Kb / 13P
2:1 Multiplexers and 1:2 Demultiplexers with Loopback
Rev 0; 7/03
More results

Similar Description - MAX9394

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9414 VISHAY-DG9414 Datasheet
77Kb / 9P
Single 4 x 1 and Dual 2 x 1 Multiplexers
17-Feb-03
logo
Maxim Integrated Produc...
MAX9394-MAX9395 MAXIM-MAX9394-MAX9395 Datasheet
361Kb / 13P
2:1 Multiplexers and 1:2 Demultiplexers with Loopback
Rev 0; 7/03
logo
Vishay Siliconix
DG9414 VISHAY-DG9414_08 Datasheet
135Kb / 10P
Single 4 x 1 and Dual 2 x 1 Multiplexers
14-May-07
logo
Maxim Integrated Produc...
MAX9396 MAXIM-MAX9396 Datasheet
168Kb / 13P
2:1 Multiplexer and 1:2 Demultiplexer with Loopback
Rev 0; 1/07
logo
Unisonic Technologies
4053 UTC-4053_12 Datasheet
197Kb / 7P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4053 UTC-4053 Datasheet
197Kb / 7P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Analog Devices
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
Triple 2 1 Multiplexers
REV. 0
logo
Aeroflex Circuit Techno...
UT54ACS157 AEROFLEX-UT54ACS157 Datasheet
238Kb / 10P
Quadruple 2 to 1 Multiplexers
UT54ACTS157E AEROFLEX-UT54ACTS157E Datasheet
145Kb / 9P
Quadruple 2 to 1 Multiplexers
logo
Analog Devices
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com