Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9394 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9394
Description  2:1 Multiplexers and 1:2 Demultiplexers with Loopback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9394 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9394 Datasheet HTML 1Page - Maxim Integrated Products MAX9394 Datasheet HTML 2Page - Maxim Integrated Products MAX9394 Datasheet HTML 3Page - Maxim Integrated Products MAX9394 Datasheet HTML 4Page - Maxim Integrated Products MAX9394 Datasheet HTML 5Page - Maxim Integrated Products MAX9394 Datasheet HTML 6Page - Maxim Integrated Products MAX9394 Datasheet HTML 7Page - Maxim Integrated Products MAX9394 Datasheet HTML 8Page - Maxim Integrated Products MAX9394 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2:1 Multiplexers and 1:2 Demultiplexers with
Loopback
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 3.3V, |VID| = 0.2V, VCM = +1.2V, TA = +25°C, fIN = 1.34GHz, Figure 5.)
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
35
40
45
50
55
60
65
70
30
-40
85
VCC = 3.3V
VCC = 3.6V
VCC = 3.0V
OUTPUT AMPLITUDE vs. FREQUENCY
FREQUENCY (GHz)
2.0
0.4
1.2
1.6
0.8
50
100
150
200
250
300
350
400
0
0
2.4
OUTPUT RISE/FALL TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
130
140
150
160
170
180
120
-40
85
tR
tF
fIN = 100MHz
PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
510
520
530
540
550
560
570
580
590
600
500
-40
85
MAX9394 DIFFERENTIAL INPUT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
-50
-40
85
VIN_ _ = 3.0V
VIN_ _ = 0.1V
VIN_ _ = 0V
MAX9395 DIFFERENTIAL INPUT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
10
20
30
40
50
60
70
80
0
-40
85
VIN_ _ = VCC
VIN_ _ = (VCC - 0.1V)
VIN_ _ = (VCC - 3.0V)
MAX9394
DIFFERENTIAL INPUT CURRENT vs. VIHD
VIHD (V)
3.0
2.4
0.6
1.2
1.8
-35
-30
-25
-20
-15
-10
-5
0
5
-40
0
3.6
IN_ _ OR
IN_ _ = GND
VCC = 3V
VCC = 3.6V
MAX9395
DIFFERENTIAL INPUT CURRENT vs. VILD
VILD (V)
3.0
2.4
0.6
1.2
1.8
0
10
20
30
40
50
60
70
80
-10
0
3.6
IN_ _ OR
IN_ _ = VCC
VCC = 3.6V
VCC = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com