Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4103SB Datasheet(PDF) 9 Page - Hollingsworth

Part # R4103SB
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4103SB Datasheet(HTML) 9 Page - Hollingsworth

Back Button R4103SB Datasheet HTML 5Page - Hollingsworth R4103SB Datasheet HTML 6Page - Hollingsworth R4103SB Datasheet HTML 7Page - Hollingsworth R4103SB Datasheet HTML 8Page - Hollingsworth R4103SB Datasheet HTML 9Page - Hollingsworth R4103SB Datasheet HTML 10Page - Hollingsworth R4103SB Datasheet HTML 11Page - Hollingsworth R4103SB Datasheet HTML 12Page - Hollingsworth R4103SB Datasheet HTML 13Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
26/10 Window Butt Connectors
Material: COPPER
Insulated (Nylon)
Wire
CMA
Inside Barrel Dia.
Insul.
Insul. Dia.
L
L
Hand
Range
Range
In.
mm
FIIG
Color
In.
mm
In.
mm
Tool
26-24
202-320
.027
0.69
B1868BN-15 ▲
Yellow
.070
1.78
.86
21.84
H8A
24-20
320-1290
.043
1.09
B1841BN-15 ▲
Clear
.100
2.54
.98
24.89
H8A
22-18
509-2050
.061
1.55
B1870BN-15 ▲
Red
.128
3.25 1.16 29.46
H7B & H53
16-14
2050-5180
.083
2.11
B1871BN-15 ▲
Blue
.152
3.86 1.16 29.46
H7B & H53
12-10
5180-13,100
.129
3.28
B1872BN-15
Yellow
.208
5.28 1.57 39.88
H6E & H53
▲ Not Brazed
Step Down Butt Connectors
Material: COPPER
Non-Insulated
Insulated (Nylon)
Insulated (Vinyl)
Wire
CMA
NIT
L
L
Hand
Insul.
Insul. Dia. FIT
Insul. Dia.
L
L
Hand
Range
Range
Brazed
In.
mm
Tool
Color
FIT
In.
mm
Flared
In.
mm
In.
mm
Tool
22-16 14-12 509-3260
3260-8230 B4040B
.69
17.53
H4A
Green
B4044BN .164
4.17
B4044BF
.210
5.33
1.18
29.27
H7B & H53
16-14 12-10 2050-5180 5180-13,100 B4041B
.74
18.80
H4A
Yellow
B4045BN .211
5.36
B4045BF
.265
6.73
1.30
33.02
H6E & H53
y
y
y
l
When ordering tape mounted Step Down Butt Connectors, indicate which end (wire size) is to be exposed for crimping.
26/10 Parallels
Material: COPPER
Non-Insulated
Insulated (Nylon)
Insulated (Vinyl)
FIT
Wire
NIT
ID
ID
OD
OD
L
L
Hand
FIT
Insul. Dia. FIT
Flared
L
L
Insul.
Hand
Range NIT
Brazed
In. mm
In.
mm
In.
mm
Tool FIT
Brazed
In. mm Flared
Brazed
In. mm
Color
Tool
26-24
P4019 •
.033 .084 .078
1.98
.21
5.33
22-16
P4130
P4130B .064 1.63 .136
3.45
.33
8.38
H4A P4131N
P4131BN
.125 3.18 P4132
P4132B .76 19.30
Red
H7B & H53
16-14
P4137
P4137B .085 2.16 .158
4.01
.33
8.38
H4A P4133N
P4133BN
.150 3.81 P4134
.76 19.30
Blue
H7B & H53
12-10
P4138
P4138B .131 3.33 .221
5.61
.33
8.38
H4A P4135N
P4135BN
.210 5.33 P4136
.83 21.08 Yellow
H6E & H53
y
y
• P4019 Not UL or CSA listed
y
y
y
y
Double Male Tab
Single Female Slip-On
Material: Brass
Thickness: .32”/.813 mm
Dimensions
L
L
WW
WW
D
D
E
E
H
H
W
W
U
U
N
N
NIT
In.
mm
In.
mm
In.
mm In. mm
In.
mm
In.
mm
In.
mm
In.
mm
41B
.78
19.81 .572 14.53
.253 6.43 .315 8.00
.318
8.08
.324
8.23
.105
2.67
.250
6.35
41B is unplated; for electro-tin plated part, specify 43B.
59
www.hollingsworth.com 800.638.8376
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com