Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4103SB Datasheet(PDF) 23 Page - Hollingsworth

Part # R4103SB
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4103SB Datasheet(HTML) 23 Page - Hollingsworth

Back Button R4103SB Datasheet HTML 18Page - Hollingsworth R4103SB Datasheet HTML 19Page - Hollingsworth R4103SB Datasheet HTML 20Page - Hollingsworth R4103SB Datasheet HTML 21Page - Hollingsworth R4103SB Datasheet HTML 22Page - Hollingsworth R4103SB Datasheet HTML 23Page - Hollingsworth R4103SB Datasheet HTML 24Page - Hollingsworth R4103SB Datasheet HTML 25Page - Hollingsworth R4103SB Datasheet HTML 26Page - Hollingsworth  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
22/10 Wire Pins
CMA Range 509-3260
Barrel Inside Diameter .061/ 1.55 mm
Wire Size:
22/16
Material: COPPER Thickness: .032” / .81 mm THK
CMA Range: 509-3260
Barrel Ins. Dia.: .061” / 1.55 mm
Insulated (Red Vinyl)
Insulated (Red Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.160" / 4.06 mm
Insul. Dia.
.146" / 3.71 mm
W
H
X
NIT
L
Funnel
L
Funnel
L
In./mm
In./mm
mm
NIT
Brazed
In./mm
FIT
In./mm
FIIG
In./mm
.070"1.78mm
.075"/1.90mm .41"/10.41mm WP13000S
WP13000SB .70"/17.78mm WP13004SF
.99"/25.15mm XWP13006SN
.99"/25.15mm
Hand Tool
H4A
H4A
H7B & H53
H7B & H53
Wire Size:
16/14
Material: COPPER Thickness: .032” / .81 mm THK
CMA Range: 2050-5180
Barrel Ins. Dia.: .085” / 2.16 mm
Insulated (Blue Vinyl)
Insulated (Blue Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.198" / 5.03 mm
Insul. Dia.
.178" / 4.52 mm
W
H
X
NIT
L
Funnel
L
Funnel
L
In./mm
In./mm
mm
NIT
Brazed
In./mm
FIT
In./mm
FIIG
In./mm
.075"/1.90mm .075"/1.90mm .41"/10.41mm WP13010S
WP13010SB .70"/17.78mm WP13014SF
.99"/25.15mm XWP13016SN
.99"/25.15mm
Hand Tool
H4A
H4A
H7B & H53
H7B & H53
Wire Size:
12/10
Material: COPPER Thickness: .040” / 1.02 mm THK
CMA Range: 5180-13,100
Barrel Ins. Dia.: .129” /3.27 mm
Insulated (Yellow Vinyl)
Insulated (Yellow Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.265" / 6.73 mm
Insul. Dia.
.239" /6.07mm
W
H
X
NIT
L
Funnel
L
Funnel
L
In./mm
In./mm
mm
NIT
Brazed
In./mm
FIT
In./mm
FIIG
In./mm
.090"/2.29mm .102"/2.59mm .41"/10.41mm WP13020
WP13020B
.80"/20.32mm WP13022F
1.10"/27.94mm XWP13023N
1.15"/29.21mm
Hand Tool
H4A
H4A
H6E & H53
H6E & H53
y
y
y
y
12/2 Flag Rings
Material: COPPER
Basic Dimensions
Non-Insulated
Wire
CMA
Stud
Barrel I.D. W
W
C
C
Mat'l. Thk.
NIT
E
E
L
L
Size
Range
Size
In.
mm
In.
mm
In.
mm
In.
mm
Brazed
In.
mm
In.
mm
12-10
5180-13,100
8
.129
3.28
.31
7.87
.25
6.35 .040
1.01
T189B
.48
12.2
.63
16.00
12-10
5180-13,100
10
.129
3.29
.31
7.87
.25
6.35 .040
1.01
T194B
.48
12.2
.63
16.00
8
13,100-20,800
10
.180
4.57
.50
12.70
.38
9.65 .040
1.01
T190B
.67
17
.92
23.37
8
13,100-20,800
1/4
.180
4.57
.50
12.70
.38
9.65 .040
1.01
T191B
.67
17
.92
23.37
6
20,800-33,100
10
.224
5.69
.50
12.70
.37
9.40 .048
1.22
T192B
.71
18.03
.96
24.38
6
20,800-33,100
1/4
.224
5.69
.50
12.70
.37
9.40 .048
1.22
T193B
.71
18.03
.96
24.38
4
33,100-52,600
1/4
.287
7.29
.64
16.26
.43 10.92 .068
1.73
T183B
.89
22.61
1.20 30.48
4
33,100-52,600
5/16
.287
7.29
.64
16.26
.43 10.92 .068
1.73
T184B
.89
22.61
1.20 30.48
4
33,100-52,600
3/8
.287
7.29
.64
16.26
.43 10.92 .068
1.73
T185B
.89
22.61
1.20 30.48
2
52,600-83,700
1/4
.355
9.02
.64
16.26
.46 11.68 .078
1.98
T186B
1.01
25.65
1.32 33.53
2
52,600-83,700
5/16
.355
9.02
.64
16.26
.46 11.68 .078
1.98
T187B
1.01
25.65
1.32 33.53
2
52,600-83,700
3/8
.355
9.02
.64
16.26
.46 11.68 .078
1.98
T188B
1.01
25.65
1.32 33.53
73
www.hollingsworth.com 800.638.8376
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com