Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4103SB Datasheet(PDF) 15 Page - Hollingsworth

Part # R4103SB
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4103SB Datasheet(HTML) 15 Page - Hollingsworth

Back Button R4103SB Datasheet HTML 11Page - Hollingsworth R4103SB Datasheet HTML 12Page - Hollingsworth R4103SB Datasheet HTML 13Page - Hollingsworth R4103SB Datasheet HTML 14Page - Hollingsworth R4103SB Datasheet HTML 15Page - Hollingsworth R4103SB Datasheet HTML 16Page - Hollingsworth R4103SB Datasheet HTML 17Page - Hollingsworth R4103SB Datasheet HTML 18Page - Hollingsworth R4103SB Datasheet HTML 19Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
22/18 Male Plugs
CMA Range 509-2050
Barrel Inside Diameter .057/ 1.49 mm
Material: BRASS
Thickness: .018" / .457 mm
Insulated (Red Nylon)
Basic Dimensions
Insul. Dia.
.118" / 3.00 mm
W
W
E
E
Funnel
L
L
In.
mm
In.
mm FIIG
In.
mm
.156
3.96
.345
8.76 XMP9658SN
.90
22.86
.180
4.57
.447 11.35 XMP9659SN
.94
23.87
Hand Tool
H43
y
22/18 Receptacles
CMA Range 509-2050
Barrel Inside Diameter .057/ 155 mm
Material: BRASS
Thickness: .016" / .406 mm
Insulated (Red Vinyl)
Basic Dimensions
Insul. Dia.
.125" / 3.18 mm
W
W
E
E
Male Plug
Male Plug Fully Insulated
L
L
In.
mm
In.
mm Dia. In.
Dia. mm.
FIT Flared
In.
mm
.18
4.57 .345 8.76
.156
3.96
FP5332F
1.03
26.16
.21
5.33 .420 10.67
.180
4.57
FP5333F
1.08
27.43
H270 Die 27123
Hand Tool H35
y
18/14 Male Plugs
CMA Range 1600-5180
Barrel Inside Diameter .081/ 2.06 mm
Material: BRASS
Thickness: .018" / .457 mm
Insulated (Blue Nylon)
Basic Dimensions
Insul. Dia.
.146" / 3.71 mm
W
W
E
E
Funnel
L
L
In.
mm
In.
mm FIIG
In.
mm
.156
3.96
.345
8.76 XMP9645SN
.92
23.37
.180
4.57
.447
11.35 XMP9646SN
.97
24.64
Hand Tool
H43
y
18/14 Receptacles
CMA Range 1600-5180
Barrel Inside Diameter .081/ 2.06 mm
Material: BRASS
Thickness: .016" / .406 mm
Insulated (Blue Vinyl)
Basic Dimensions
Insul. Dia.
.160" / 4.06 mm
W
W
E
E
Male Plug Male Plug Fully Insulated
L
L
In.
mm
In.
mm
Dia. In.
Dia. mm
FIT Flared
In.
mm
.18
4.57 .345 8.76
.156
3.96
FP5336F
1.03
26.16
.21
5.33 .447 11.35
.180
4.57
FP5337F
1.08
27.43
H270 Die 27121
Hand Tool H35
y
16/14 Male Plugs
CMA Range2050-5180
Barrel Inside Diameter ..081/ 2.06 mm
Material: COPPER
Thickness:
.032" / .813 mm
Insulated (Blue Vinyl)
Insulated (Blue Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.195" / 4.95 mm
Insul. Dia.
.178" / 4.52 mm
W
W
L
L
Funnel
L
L
Funnel
L
L
In.
mm
NIT
In.
mm
FIT
In.
mm
FIIG
In.
mm
.156
3.96
MP4846
.640
16.26
MP4847F
1.00
25.40
XMP4848N
.91
23.11
Hand Tool
H4A
H7B & H53
H7B & H53
65
www.hollingsworth.com 800.638.8376
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com