Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4103SB Datasheet(PDF) 22 Page - Hollingsworth

Part # R4103SB
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4103SB Datasheet(HTML) 22 Page - Hollingsworth

Back Button R4103SB Datasheet HTML 18Page - Hollingsworth R4103SB Datasheet HTML 19Page - Hollingsworth R4103SB Datasheet HTML 20Page - Hollingsworth R4103SB Datasheet HTML 21Page - Hollingsworth R4103SB Datasheet HTML 22Page - Hollingsworth R4103SB Datasheet HTML 23Page - Hollingsworth R4103SB Datasheet HTML 24Page - Hollingsworth R4103SB Datasheet HTML 25Page - Hollingsworth R4103SB Datasheet HTML 26Page - Hollingsworth  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
.032 x .250 Male Tabs
Material: TIN PLATED BRASS Thickness:
.032" / .813 mm
Stud
Angle
Size
"Z"
Type Tab
NIT
6
0
Straight
H106 †
6
30
Bent
H130
6
45
Bent
H132
6
60
Bent
H134
6
90
Right Angle
H116
8
0
Straight
H108 †
8
30
Bent
H131
8
45
Bent
H133
8
60
Bent
H135
8
90
Right Angle
H118
y
Fuse Adaptors & Tap
Male Fuse Clip Adaptor
AGC Fuse Adaptor
ATO Fuse Adaptor
Mini Fuse Tap
A47
A50-AGC
A50-ATO
A50-MIN
.032 x .250 Male Tab pairs
STYLE K
STYLE L
STYLE M
Material Thickness: .032" / .813 mm
“W” Dimension:
250" / .6.35mm
Hole
Dia.
L
L
Hole
Dia.
L
L
NIT
Pairs Style
In.
mm
Material
In.
mm
NIT
Pairs Style
In.
mm Material
In.
mm
H2601
1
K
.130
3.30
Brass
.315
8.00
H2635
1
L
.171
4.34
Tin Plated Brass
.315
8.00
H2602
2
K
.130
3.30
Brass
.690
17.53
H2636
6
L
.130
3.30
Tin Plated Brass
2.191
55.65
H2603
3
K
.130
3.30
Brass
1.065
27.05
H2641
1
M
.097
2.46
Brass
.315
8.00
H2604
4
K
.130
3.30
Brass
1.440
36.58
H2642
2
M
.097
2.46
Brass
.690
17.53
H2605
1
K
.152
3.86
Brass
.315
8.00
H2643
1
M
.130
3.30
Brass
.315
8.00
H2606
1
K
.171
4.34
Brass
.315
8.00
H2644
2
M
.130
3.30
Brass
.690
17.53
H2607
2
K
.171
4.34
Brass
.690
17.53
H2645
3
M
.130
3.30
Brass
1.065
27.05
H2608
3
K
.171
4.34
Brass
1.065
27.05
H2646
4
M
.130
3.30
Brass
1.440
36.58
H2609
4
K
.171
4.34
Brass
1.440
36.58
H2647
5
M
.130
3.30
Brass
1.816
46.13
H2610
1
K
.187
4.74
Brass
.315
8.00
H2648
6
M
.130
3.30
Brass
2.191
55.65
H2611
1
K
.130
3.30
Tin Plated Brass
.315
8.00
H2649
7
M
.130
3.30
Brass
2.565
65.15
H2612
2
K
.130
3.30
Tin Plated Brass
.690
17.53
H2650
9
M
.130
3.30
Brass
3.316
84.23
H2613
3
K
.130
3.30
Tin Plated Brass
1.065
27.05
H2651
12
M
.130
3.30
Brass
4.441
112.80
H2614
4
K
.130
3.30
Tin Plated Brass
1.440
36.58
H2652
1
M
.152
3.86
Brass
.315
8.00
H2615
7
K
.130
3.30
Tin Plated Brass
2.565
65.15
H2653
1
M
.171
4.34
Brass
.315
8.00
H2616
6
K
.130
3.30
Brass
2.191
55.65
H2654
2
M
.171
4.34
Brass
.690
17.53
H2617
6
K
.130
3.30
Tin Plated Brass
2.191
55.65
H2655
3
M
.171
4.34
Brass
1.065
27.05
H2618
7
K
.130
3.30
Brass
2.565
65.15
H2656
4
M
.171
4.34
Brass
1.440
36.58
H2621
1
L
.130
3.30
Brass
.315
8.00
H2661
1
M
.097
2.46
Tin Plated Brass
.315
8.00
H2622
2
L
.130
3.30
Brass
.690
17.53
H2662
1
M
.130
3.30
Tin Plated Brass
.315
8.00
H2623
3
L
.130
3.30
Brass
1.065
27.05
H2663
2
M
.130
3.30
Tin Plated Brass
.690
17.53
H2624
4
L
.130
3.30
Brass
1.440
36.58
H2664
3
M
.130
3.30
Tin Plated Brass
1.065
27.05
H2625
1
L
.171
4.34
Brass
.315
8.00
H2665
4
M
.130
3.30
Tin Plated Brass
1.440
36.58
H2626
2
L
.171
4.34
Brass
.690
17.53
H2666
5
M
.130
3.30
Tin Plated Brass
1.816
46.13
H2627
3
L
.171
4.34
Brass
1.065
27.05
H2667
6
M
.130
3.30
Tin Plated Brass
2.191
55.65
H2628
4
L
.171
4.34
Brass
1.440
36.58
H2668
7
M
.130
3.30
Tin Plated Brass
2.565
65.15
H2629
6
L
.130
3.30
Brass
2.191
55.65
H2669
12
M
.130
3.30
Tin Plated Brass
4.441
112.80
H2631
1
L
.130
3.30
Tin Plated Brass
.315
8.00
H2670
1
M
.152
3.86
Tin Plated Brass
.315
8.00
H2632
2
L
.130
3.30
Tin Plated Brass
.690
17.53
H2671
1
M
.171
4.34
Tin Plated Brass
.315
8.00
H2633
3
L
.130
3.30
Tin Plated Brass
1.065
27.05
H2672
4
M
.171
4.34
Tin Plated Brass
1.440
36.58
H2634
4
L
.130
3.30
Tin Plated Brass
1.440
36.58
y
y
72
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.
800.638.8376 www.hollingsworth.com
† The H106 and H108
Straight tabs are used to
create the bent tab parts
immediately following, i.e.,
H106 bent 30° = H130.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com