Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4103SB Datasheet(PDF) 8 Page - Hollingsworth

Part # R4103SB
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4103SB Datasheet(HTML) 8 Page - Hollingsworth

Back Button R4103SB Datasheet HTML 4Page - Hollingsworth R4103SB Datasheet HTML 5Page - Hollingsworth R4103SB Datasheet HTML 6Page - Hollingsworth R4103SB Datasheet HTML 7Page - Hollingsworth R4103SB Datasheet HTML 8Page - Hollingsworth R4103SB Datasheet HTML 9Page - Hollingsworth R4103SB Datasheet HTML 10Page - Hollingsworth R4103SB Datasheet HTML 11Page - Hollingsworth R4103SB Datasheet HTML 12Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
22/8 Pigtails
Wire
A
A
B
B
C
C
D
D
L
L
Range FIT
CMA Range
Insulation
Insert
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
Hand Tool
22-14
NP5115
508-5180
Nylon
Copper
.10
2.54
.28
7.11
.19
4.83
.32
8.13
.73 18.54
H9
18-10
NP5670
1600-13,000
Nylon
Copper
.16
4.06
.40
10.16
.27
6.86
.32
8.13
.81 20.57
H18
18-8
NP5671
1600-20,800
Nylon
Copper
.22
5.59
.49
12.45
.39
9.91
.44
11.18 1.09 27.69
H15
zy
22/10 Butt Connectors
Material: COPPER
Non-Insulated
Wire
CMA
NIT
ID
ID
OD
OD
L
L
NIT
ID
ID
OD
OD
L
L
Range
Range
NIT
Brazed
In.
mm
In.
mm
In.
mm
Seamless
In. mm In.
mm
In.
mm
22-16
509-3260
B1818
B1818B
.064
1.63
.136
3.45
.58
14.73
16-14
2050-5180
B1819
B1819B
.085
2.16
.159
4.04
.58
14.73 B1819S *
.093 2.36 .158 4.01
.63
16.00
14-12
3260-8230
B1920B **
.096
2.44
.172
4.37
.69
17.53
12-10
5180-13,100
B2151
B2151B
.131
3.33
.221
5.61
.74
18.80
Hand Tool
H4A
H4A
H4A
y
y
** with sight hole
* Extended Flare Model also available – B1819S-EF
Insulated (Nylon)
Wire
CMA
FIT
ID
ID
L
L
FIT
ID
ID
L
L
Insul. Dia.
Insul.
Hand Tool
Range
Range
FIT
Brazed
In.
mm
In.
mm
Seamless
In.
mm
In.
mm
In.
mm
Color
H270 Die
22-16
509-3260
B4067N B4067BN ●
.064
1.63
1.04
26.42 B4067SN
.060
1.52
1.13
28.70
.125
3.18
Red
H7B & H53
16-14
2050-5180
B4068N B4068BN ●
.085
2.16
1.04
26.42 B4068SN
.093
2.36
1.13
28.70
.150
3.81
Blue
H7B & H53
14-12
3260-8230
B1921BN
.096
2.44
1.17
29.72
.164
4.17
Green
27180
12-10
5180-13,100 B4069N B4069BN
.131
3.33
1.23
31.24 B4069SN
.141
3.58
1.28
32.51
.210
5.33
Yellow
H6E & H53
Hand Tool
See Above
y
y
● UL listed
Insulated Flared (Vinyl)
Wire
CMA
FIT
FIT Flared
ID
ID
L
L
Insul. Dia.
Insul.
Hand Tool
Range
Range
Flared
Brazed
In.
mm
In.
mm
In.
mm
Color
H270 Die
22-16
509-3260
B4070
B4070B ●
.064
1.63
1.05
26.67
.160
4.06
Red
H7B & H53
16-14
2050-5180
B4071
B4071B ●
.085
2.16
1.07
27.18
.195
4.95
Blue
H7B & H53
14-12
3260-8230
B1922B
.096
2.44
1.15
29.21
.210
5.33
Green
27180
12-10
5180-13,100 B4072
B4072B
.131
3.33
1.23
31.24
.265
6.73
Yellow
H6E & H53
Hand Tool
See Above
y
y
● UL listed
58
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.
800.638.8376 www.hollingsworth.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com