Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4103SB Datasheet(PDF) 5 Page - Hollingsworth

Part # R4103SB
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4103SB Datasheet(HTML) 5 Page - Hollingsworth

  R4103SB Datasheet HTML 1Page - Hollingsworth R4103SB Datasheet HTML 2Page - Hollingsworth R4103SB Datasheet HTML 3Page - Hollingsworth R4103SB Datasheet HTML 4Page - Hollingsworth R4103SB Datasheet HTML 5Page - Hollingsworth R4103SB Datasheet HTML 6Page - Hollingsworth R4103SB Datasheet HTML 7Page - Hollingsworth R4103SB Datasheet HTML 8Page - Hollingsworth R4103SB Datasheet HTML 9Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
16/14 Flanged Spades
CMA Range 2050-5180
Barrel Inside Diameter .085"/ 2.16 mm
Material: COPPER Thickness: .032"/.813 mm
Insulated (Blue Vinyl)
Insulated (Blue Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.198"/5.03 mm
Insul. Dia. .178"/4.52 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm
In. mm NIT
Brazed
In.
mm
In.
mm FIT
In.
mm
In.
mm FIIG
In.
mm
In.
mm
6
.29 7.37
.19 4.83 SF20855S SF20855SB
.36
9.14
.51
12.95 SF20858SF .63
16.00
.80 20.32 XSF20861SN
.62 15.75 .79 20.07
8
.329 7.37
.19 4.83 SF20856S SF20856SB
.36
9.14
.51
12.95 SF20859SF .63
16.00
.80 20.32 XSF20862SN
.62 15.75 .79 20.07
Hand Tool
H4A
H4A
H7B & H53
H7B & H53
zy
zy
zy
zy
16/14 Rings - Heavy Duty
CMA Range 2050-5180
Barrel Inside Diameter .110"/ 2.79 mm
Material: COPPER Thickness: .049"/1.24 mm
Insulated (Yellow with Black Dot)
Basic Dimensions
Non-Insulated
(Vinyl)
Insul. Dia.
.265" / 6.73 mm
(Nylon)
Insul. Dia. .239"/ 6.07 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm
In. mm NIT
Brazed
In.
mm
In.
mm FIT
▲
In.
mm
In.
mm FIIG
In.
mm
In.
mm
6
.25 6.35
.28 7.11 HDR12
HDR12B
.55 13.97
.67
17.02 HDR27F
.89 22.61 1.01 25.65 XHDR67N
.90 22.86 1.02 25.91
6
.35 8.89
.28 7.11 HDR21
.55 13.97
.73
18.54
XHDR61N
.90 22.86 1.08 27.43
10
.35 8.89
.28 7.11 HDR23
HDR23B
.55 13.97
.73
18.54 HDR33F
.89 22.61 1.06 26.92 XHDR63N
.90 22.86 1.08 27.43
1/4
.48 12.19 .36 9.14 HDR24
HDR24B
.63 16.00
.87
22.10 HDR34F
.96 24.38 1.20 30.48 XHDR64N
.98 24.89 1.22 30.99
Hand Tool
H4A
H4A
H6E & H53
H6E & H53
zy
zy
zy
▲ For Brazed Barrel,
zy
change suffix to BF
16/14 Rings - Heavy Duty (Railroad Terminals) CMA Range 2050-5180
Barrel Inside Diameter .110"/ 2.79 mm
Material: COPPER Thickness: .049" / 1.24 mm
Insulated (Yellow with Black Dot)
Basic Dimensions
Non-Insulated
(Vinyl)
Insul. Dia.
.265" / 6.73 mm
Insul. Dia. .239"/6.07 mm
Stud W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size In.
mm
In. mm NIT
Brazed
In.
mm
In.
mm
FIT
In. mm
In.
mm FIIG
In.
mm
In.
mm
10
.53
13.46
.37 9.40 HDR1361 HDR1361B
.64 16.26 .90
22.86
HDR1374BF .95 24.13 1.21 30.73 XHDR1380N
.97 24.64 1.23 31.24
1/4
.53
13.46
.37 9.40 HDR1362 HDR1362B
.64 16.26 .90
22.86
HDR1375BF .95 24.13 1.21 30.73
5/16 .53
13.46
.37 9.40 HDR1363 HDR1363B
.64 16.26 .90
22.86
HDR1376BF .95 24.13 1.21 30.73 XHDR1382N
.97 24.64 1.23 31.24
Hand Tool
H4A
H4A
H6E & H53
H6E & H53
zy
zy
zy
zy
14/12 Rings
CMA Range 3260-8230
Barrel Inside Diameter .094"/ 2.39 mm
Material: COPPER
Thickness: .040" / 1.02 mm
Basic Dimensions
Non-Insulated
Stud
W
W
C
C NIT
E
E
L
L
Size
In.
mm
In. mm Brazed
In.
mm
In.
mm
10
.31 7.87
.34 8.64 R441210B
.51
12.95
.67
17.02
10
.31 10.67 .34 8.64 R141210B
.51
12.95
.73
18.54
1/4
.42 10.67 .34 8.64 R141214B
.51
12.95
.73
18.54
Hand Tool
H4A
zy
55
www.hollingsworth.com 800.638.8376
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com