Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4103SB Datasheet(PDF) 1 Page - Hollingsworth

Part # R4103SB
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4103SB Datasheet(HTML) 1 Page - Hollingsworth

  R4103SB Datasheet HTML 1Page - Hollingsworth R4103SB Datasheet HTML 2Page - Hollingsworth R4103SB Datasheet HTML 3Page - Hollingsworth R4103SB Datasheet HTML 4Page - Hollingsworth R4103SB Datasheet HTML 5Page - Hollingsworth R4103SB Datasheet HTML 6Page - Hollingsworth R4103SB Datasheet HTML 7Page - Hollingsworth R4103SB Datasheet HTML 8Page - Hollingsworth R4103SB Datasheet HTML 9Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
26/24 Rings
CMA Range 202-320
Barrel Inside Diameter .027"/.686 mm
Material: COPPER Thickness: .023"/.584 mm
Insulated (Yellow Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.092" / 2.33 mm
Stud
W
W
C
C
Funnel
E
E
L
L
Size
In.
mm
In. mm NIT
FIIG
In. mm In. mm
2
0.14 3.56 0.17 4.32 R4086
XR26336N 0.62 15.8 0.69 17.5
4
0.20 5.08 0.22 5.59 R4087
XR26337N 0.65 16.5 0.76 19.3
6
0.25 6.35 0.29 7.37 R4088
XR26338N 0.73 18.5 0.86 21.8
8
0.32 8.13 0.29 7.37 R4089
XR26339N 0.74 18.8 0.89 22.6
10
0.32 8.13 0.29 7.37 R4090
XR26340N 0.74 18.8 0.89 22.6
Hand Tool
H74
H7B & H53
22/16* Rings
CMA Range 509-3260
Barrel Inside Diameter .059"/ 1.5 mm
Material: COPPER Thickness: .030"/.762 mm
Insulated (Red Vinyl)
Insulated (Red Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.160" / 4.06 mm
Insul. Dia. .146"/3.71 mm
Stud W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size In.
mm In. mm NIT
Brazed
In. mm
In.
mm
FIT
In.
mm
In.
mm FIIG
In.
mm
In.
mm
2
.22
5.59 .16 4.06 R4103
R4103B
.44 11.17 .55
13.97
R4140F
.70 17.78
.81
20.57
2
.22
5.59 .16 4.06 R4103S
R4103SB
.34 8.63
.45
11.43
R4140SF
.63 16.00
.74
18.80 XR1879SN
.63 16.00 .74 18.80
4
.22
5.59 .16 4.06
R4104B
.44 11.17 .55
13.97
4
.22
5.59 .16 4.06 R4104S
R4104SB
.34 8.63
.45
11.43
R4141SF
.63 16.00
.74
18.80 XR1880SN
.63 16.00 .74 18.80
4
.28
7.11 .32 8.13 R4261S
R4261SB
.50 12.70 .64
16.25
R4265SF
.79 20.07
.93
23.62 XR1856SN
.79 20.07 .93 23.62
6
.22
5.59 .16 4.06 R4105
R4105B
.44 11.17 .55
13.97
R4142F
.70 17.78
.81
20.57
6
.22
5.59 .16 4.06 R4105S
R4105SB
.34 8.63
.45
11.43
R4142SF
.63 16.00
.74
18.80 XR1881SN
.63 16.00 .74 18.80
6
.25
6.35 .32 8.13 R4110
R4110B
.59 14.98 .73
18.54
R4147F
.86 21.84
.98
24.89
6
.25
6.35 .32 8.13 R4110S
R4110SB
.50 12.70 .62
15.74
R4147SF
.79 20.07
.91
23.11 XR1885SN
.79 20.07 .92 23.37
6
.28
7.11 .32 8.13 R4262
R4262B
.59 14.98 .73
18.54
R4266F
.86 21.84 1.00 25.40
6
.28
7.11 .32 8.13 R4262S
R4262SB
.50 12.70 .64
16.25
R4266SF
.79 20.07
.93
23.62 XR1857SN
.79 20.07 .93 23.62
8
.22
5.59 .16 4.06 R4193
R4193B
.43 10.92 .55
13.97
R4206F
.70 17.78
.81
20.57
8
.22
5.59 .16 4.06 R4193S
R4193SB
.33 8.38
.45
11.43
R4206SF
.63 16.00
.74
18.80 XR1882SN
.63 16.00 .74 18.80
8
.28
7.11 .32 8.13 R4263S
R4263SB
.50 12.70 .64
16.25
R4267SF
.79 20.07
.93
23.62 XR1858SN
.79 20.07 .93 23.62
8
.31
7.87 .32 8.13 R4111
R4111B
.60 15.24 .75
19.05
R4148F
.86 21.84 1.01 25.65
8
.31
7.87 .32 8.13 R4111S
R4111SB
.50 12.70 .65
16.51
R4148SF
.79 20.07
.94
23.88 XR1890SN
.79 20.07 .94 23.88
10
.28
7.11 .32 8.13 R4264
R4264B
.59 14.98 .73
18.54
R4268F
.86 21.84 1.00 25.40
10
.28
7.11 .32 8.13 R4264S
R4264SB
.50 12.70 .64
16.25
R4268SF
.79 20.07
.93
23.62 XR1859SN
.79 20.07 .93 23.62
10
.31
7.87 .32 8.13 R4112
R4112B
.60 15.24 .75
19.05
R4149F
.86 21.84 1.01 25.65
10
.31
7.87 .32 8.13 R4112S
R4112SB
.50 12.70 .65
16.51
R4149SF
.79 20.07
.94
23.88 XR1891SN
.79 20.07 .94 23.88
1/4
.47 11.94 .44 11.18 R4113
R4113B
.71 18.03 .94
23.87
R4150F
.97 24.64 1.21 30.73
1/4
.47 11.94 .44 11.18 R4113S
R4113SB
.61 15.49 .85
21.59
R4150SF
.90 22.86 1.14 28.96 XR1894SN
.90 22.86 1.14 28.96
5/16 .47 11.94 .44 11.18 R4114
R4114B
.71 18.03 .94
23.87
R4151F
.97 24.64 1.21 30.73
5/16 .47 11.94 .44 11.18 R4114S
R4114SB
.61 15.49 .85
21.59
R4151SF
.90 22.86 1.14 28.96 XR1895SN
.90 22.86 1.14 28.96
3/8
.53 13.46 .44 11.18 R4115
R4115B
.71 18.03 .97
24.63
R4152F
.97 24.64 1.24 31.50
3/8
.53 13.46 .44 11.18 R4115S
R4115SB
.61 15.49 .88
22.35
R4152SF
.90 22.86 1.17 29.72 XR1896SN
.89 22.61 1.16 29.46
Hand Tool
H4A
H4A
H7B & H53**
H7B & H53
zy
zy
* 22-16 Rings are marked 22-18 in accordance with AS7928
zy
zy
** H53 for short barrel, H53L for long barrel
51
www.hollingsworth.com 800.638.8376
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.


Similar Part No. - R4103SB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R410CV ETC2-R410CV Datasheet
39Kb / 1P
Crescent 10" Tongue and Groove Pliers, V-Jaw, Cushion Grip, Carded
More results

Similar Description - R4103SB

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190730037 MOLEX4-0190730037 Datasheet
146Kb / 3P
Avikrimp??Ring Tongue Terminal
logo
Tyco Electronics
130554 MACOM-130554 Datasheet
74Kb / 1P
TERMINAL, RING TONGUE, SOLISTRAND
logo
List of Unclassifed Man...
SRA-01T-3.2 ETC2-SRA-01T-3.2 Datasheet
131Kb / 3P
RING TONGUE TERMINAL
logo
Tyco Electronics
130090 MACOM-130090 Datasheet
66Kb / 1P
TERMINAL, RING TONGUE, P.I.D.G
34121 MACOM-34121 Datasheet
58Kb / 1P
TERMINAL, RING TONGUE, SOLISTRAND
logo
Hubbell Incorporated.
BA10E8 HUBBELL-BA10E8 Datasheet
262Kb / 2P
Copper Terminal, Ring Tongue, 12-10 AWG, #6-#8 Stud, Vinyl Insulated, Tin Plated.
BA10E10 HUBBELL-BA10E10 Datasheet
272Kb / 2P
Copper Terminal, Ring Tongue, 12-10 AWG, #8-#10 Stud, Vinyl Insulated, Tin Plated.
BA10E14 HUBBELL-BA10E14 Datasheet
261Kb / 2P
Copper Terminal, Ring Tongue, 12-10 AWG, 1/4" Stud, Vinyl Insulated, Tin Plated.
BA14E10 HUBBELL-BA14E10 Datasheet
260Kb / 2P
Copper Terminal, Ring Tongue, 16-14 AWG, #8-#10 Stud, Vinyl Insulated.
BA16E10 HUBBELL-BA16E10 Datasheet
262Kb / 2P
Copper Terminal, Ring Tongue, 22-16 AWG, #8-#10 Stud, Vinyl Insulated.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com