Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SSQTP Datasheet(PDF) 215 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 215 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 211Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 212Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 213Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 214Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 215Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 216Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 217Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 218Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 213
PIC16F882/883/884/886/887
TABLE 14-4:
INITIALIZATION CONDITION FOR REGISTER
Register
Address
Power-on
Reset
MCLR Reset
WDT Reset
Brown-out Reset(1)
Wake-up from Sleep through
Interrupt
Wake-up from Sleep through
WDT Time-out
W—
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
00h/80h/
100h/180h
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0
01h/101h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h/82h/
102h/182h
0000 0000
0000 0000
PC + 1(3)
STATUS
03h/83h/
103h/183h
0001 1xxx
000q quuu(4)
uuuq quuu(4)
FSR
04h/84h/
104h/184h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
05h
xxxx xxxx
0000 0000
uuuu uuuu
PORTB
06h/106h
xxxx xxxx
0000 0000
uuuu uuuu
PORTC
07h
xxxx xxxx
0000 0000
uuuu uuuu
PORTD
08h
xxxx xxxx
0000 0000
uuuu uuuu
PORTE
09h
---- xxxx
---- 0000
---- uuuu
PCLATH
0Ah/8Ah/
10Ah/18Ah
---0 0000
---0 0000
---u uuuu
INTCON
0Bh/8Bh/
10Bh/18Bh
0000 000x
0000 000u
uuuu uuuu(2)
PIR1
0Ch
0000 0000
0000 0000
uuuu uuuu(2)
PIR2
0Dh
0000 0000
0000 0000
uuuu uuuu(2)
TMR1L
0Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
0Fh
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
10h
0000 0000
uuuu uuuu
-uuu uuuu
TMR2
11h
0000 0000
0000 0000
uuuu uuuu
T2CON
12h
-000 0000
-000 0000
-uuu uuuu
SSPBUF
13h
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPCON
14h
0000 0000
0000 0000
uuuu uuuu
CCPR1L
15h
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1H
16h
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
17h
0000 0000
0000 0000
uuuu uuuu
RCSTA
18h
0000 000x
0000 0000
uuuu uuuu
TXREG
19h
0000 0000
0000 0000
uuuu uuuu
RCREG
1Ah
0000 0000
0000 0000
uuuu uuuu
CCPR2L
1Bh
xxxx xxxx
uuuu uuuu
uuuu uuuu
Legend: u = unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
4:
See Table 14-5 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.
6:
Accessible only when SSPCON register bits SSPM<3:0> = 1001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com