Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SSQTP Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 87Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 88Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 89Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 90Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 91Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 92Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 93Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 94Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 89
PIC16F882/883/884/886/887
REGISTER 8-2:
CM2CON0: COMPARATOR C2 CONTROL REGISTER 0
R/W-0
R-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
C2ON
C2OUT
C2OE
C2POL
—
C2R
C2CH1
C2CH0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
C2ON: Comparator C2 Enable bit
1
= Comparator C2 is enabled
0
= Comparator C2 is disabled
bit 6
C2OUT: Comparator C2 Output bit
If C2POL = 1 (inverted polarity):
C2OUT = 0 when C2VIN+ > C2VIN-
C2OUT = 1 when C2VIN+ < C2VIN-
If C2POL = 0 (non-inverted polarity):
C2OUT = 1 when C2VIN+ > C2VIN-
C2OUT = 0 when C2VIN+ < C2VIN-
bit 5
C2OE: Comparator C2 Output Enable bit
1
= C2OUT is present on C2OUT pin(1)
0
= C2OUT is internal only
bit 4
C2POL: Comparator C2 Output Polarity Select bit
1
= C2OUT logic is inverted
0
= C2OUT logic is not inverted
bit 3
Unimplemented: Read as ‘0’
bit 2
C2R: Comparator C2 Reference Select bits (non-inverting input)
1
= C2VIN+ connects to C2VREF
0
= C2VIN+ connects to C2IN+ pin
bit 1-0
C2CH<1:0>: Comparator C2 Channel Select bits
00
= C12IN0- pin of C2 connects to C2VIN-
01
= C12IN1- pin of C2 connects to C2VIN-
10
= C12IN2- pin of C2 connects to C2VIN-
11
= C12IN3- pin of C2 connects to C2VIN-
Note 1:
Comparator output requires the following three conditions: C2OE = 1, C2ON = 1 and corresponding port
TRIS bit = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com