Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SSQTP Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 57Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 58Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 59Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 60Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 61Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 62Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 63Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 64Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 59
PIC16F882/883/884/886/887
3.7
PORTE and TRISE Registers
PORTE(1) is a 4-bit wide, bidirectional port. The
corresponding data direction register is TRISE. Setting a
TRISE bit (= 1) will make the corresponding PORTE pin
an input (i.e., put the corresponding output driver in a
High-Impedance mode). Clearing a TRISE bit (= 0) will
make the corresponding PORTE pin an output (i.e.,
enable the output driver and put the contents of the
output latch on the selected pin). The exception is RE3,
which is input only and its TRIS bit will always read as
‘1’. Example 3-6 shows how to initialize PORTE.
Reading the PORTE register (Register 3-13) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then written
to the PORT data latch. RE3 reads ‘0’ when MCLRE =
1.
The TRISE register (Register 3-14) controls the PORTE
pin output drivers, even when they are being used as
analog inputs. The user should ensure the bits in the
TRISE register are maintained set when using them as
analog inputs. I/O pins configured as analog input always
read ‘0’.
EXAMPLE 3-6:
INITIALIZING PORTE
Note 1: RE<2:0>
pins
are
available
on
PIC16F884/887 only.
Note:
The ANSEL register must be initialized to
configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’.
BANKSEL PORTE
;
CLRF
PORTE
;Init PORTE
BANKSEL ANSEL
;
CLRF
ANSEL
;digital I/O
BCF
STATUS,RP1
;Bank 1
BANKSEL TRISE
;
MOVLW
B‘00001100’
;Set RE<3:2> as inputs
MOVWF
TRISE
;and set RE<1:0>
;as outputs
REGISTER 3-13:
PORTE: PORTE REGISTER
U-0
U-0
U-0
U-0
R-x
R/W-x
R/W-x
R/W-x
—
—
—
—
RE3
RE2
RE1
RE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
RD<3:0>: PORTE General Purpose I/O Pin bit
1
= Port pin is > VIH
0
= Port pin is < VIL
REGISTER 3-14:
TRISE: PORTE TRI-STATE REGISTER
U-0
U-0
U-0
U-0
R-1(1)
R/W-1
R/W-1
R/W-1
—
—
—
—
TRISE3
TRISE2
TRISE1
TRISE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
TRISE<3:0>: PORTE Tri-State Control bit
1
= PORTE pin configured as an input (tri-stated)
0
= PORTE pin configured as an output
Note 1:
TRISE<3> always reads ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com