Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SSQTP Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 31Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 32Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 33Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 34Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 35Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 36Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 37Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 38Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 33
PIC16F882/883/884/886/887
2.2.2.5
PIE2 Register
The PIE2 register contains the interrupt enable bits, as
shown in Register 2-5.
Note:
Bit PEIE of the INTCON register must be
set to enable any peripheral interrupt.
REGISTER 2-5:
PIE2: PERIPHERAL INTERRUPT ENABLE REGISTER 2
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
OSFIE
C2IE
C1IE
EEIE
BCLIE
ULPWUIE
—
CCP2IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
OSFIE: Oscillator Fail Interrupt Enable bit
1
= Enables oscillator fail interrupt
0
= Disables oscillator fail interrupt
bit 6
C2IE: Comparator C2 Interrupt Enable bit
1
= Enables Comparator C2 interrupt
0
= Disables Comparator C2 interrupt
bit 5
C1IE: Comparator C1 Interrupt Enable bit
1
= Enables Comparator C1 interrupt
0
= Disables Comparator C1 interrupt
bit 4
EEIE: EEPROM Write Operation Interrupt Enable bit
1
= Enables EEPROM write operation interrupt
0
= Disables EEPROM write operation interrupt
bit 3
BCLIE: Bus Collision Interrupt Enable bit
1
= Enables Bus Collision interrupt
0
= Disables Bus Collision interrupt
bit 2
ULPWUIE: Ultra Low-Power Wake-up Interrupt Enable bit
1
= Enables Ultra Low-Power Wake-up interrupt
0
= Disables Ultra Low-Power Wake-up interrupt
bit 1
Unimplemented: Read as ‘0’
bit 0
CCP2IE: CCP2 Interrupt Enable bit
1
= Enables CCP2 interrupt
0
= Disables CCP2 interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com