Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SSQTP Datasheet(PDF) 99 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 99 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 95Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 96Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 97Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 98Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 99Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 100Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 101Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 102Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 97
PIC16F882/883/884/886/887
TABLE 8-3:
SUMMARY OF REGISTERS ASSOCIATED WITH THE COMPARATOR AND VOLTAGE
REFERENCE MODULES
REGISTER 8-5:
VRCON: VOLTAGE REFERENCE CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VREN
VROE
VRR
VRSS
VR3
VR2
VR1
VR0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
VREN: Comparator C1 Voltage Reference Enable bit
1
=CVREF circuit powered on
0
=CVREF circuit powered down
bit 6
VROE: Comparator C2 Voltage Reference Enable bit
1
=CVREF voltage level is also output on the RA2/AN2/VREF-/CVREF/C2IN+ pin
0
=CVREF voltage is disconnected from the RA2/AN2/VREF-/CVREF/C2IN+ pin
bit 5
VRR: CVREF Range Selection bit
1
= Low range
0
= High range
bit 4
VRSS: Comparator VREF Range Selection bit
1
= Comparator Reference Source, CVRSRC = (VREF+) - (VREF-)
0
= Comparator Reference Source, CVRSRC = VDD - VSS
bit 3-0
VR<3:0>: CVREF Value Selection 0
≤ VR<3:0> ≤ 15
When VRR = 1: CVREF = (VR<3:0>/24) * VDD
When VRR = 0: CVREF = VDD/4 + (VR<3:0>/32) * VDD
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
1111 1111
ANSELH
—
—
ANS13
ANS12
ANS11
ANS10
ANS9
ANS8
--11 1111
--11 1111
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1R
C1CH1
C1CH0
0000 -000
0000 -000
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2R
C2CH1
C2CH0
0000 -000
0000 -000
CM2CON1
MC1OUT MC2OUT C1RSEL
C2RSEL
—
—
T1GSS
C2SYNC
0000 --10
0000 --10
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000x
PIE2
OSFIE
C2IE
C1IE
EEIE
BCLIE
ULPWUIE
—
CCP2IE
0000 00-0
0000 00-0
PIR2
OSFIF
C2IF
C1IF
EEIF
BCLIF
ULPWUIF
—
CCP2IF
0000 00-0
0000 00-0
PORTA
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
xxxx xxxx
uuuu uuuu
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
SRCON
SR1
SR0
C1SEN
C2SEN
PULSS
PULSR
—
FVREN
0000 00-0
0000 00-0
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
1111 1111
1111 1111
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
1111 1111
VRCON
VREN
VROE
VRR
VRSS
VR3
VR2
VR1
VR0
0000 0000
0000 0000
Legend:
x
= unknown, u = unchanged, – = unimplemented, read as ‘0’. Shaded cells are not used for comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com