Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SSQTP Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 58Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 59Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 60Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 61Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 62Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 63Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 64Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 65Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 60
Preliminary
© 2007 Microchip Technology Inc.
3.7.1
RE0/AN5(1)
This pin is configurable to function as one of the
following:
• a general purpose I/O
• an analog input for the ADC
3.7.2
RE1/AN6(1)
This pin is configurable to function as one of the
following:
• a general purpose I/O
• an analog input for the ADC
3.7.3
RE2/AN7(1)
This pin is configurable to function as one of the
following:
• a general purpose I/O
• an analog input for the ADC
FIGURE 3-21:
BLOCK DIAGRAM OF
RE<2:0>
3.7.4
RE3/MCLR/VPP
Figure 3-22 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose input
• as Master Clear Reset with weak pull-up
FIGURE 3-22:
BLOCK DIAGRAM OF RE3
TABLE 3-5:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
Note 1: RE0/AN5 is available on PIC16F884/887
only.
Note 1: RE1/AN6 is available on PIC16F884/887
only.
Note 1: RE2/AN7 is available on PIC16F884/887
only.
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Analog(1)
Input Mode
Data Bus
RD
PORTE
WR
PORTE
WR
TRISE
RD
TRISE
To A/D Converter
Note
1:
ANSEL determines Analog Input mode.
Input
VSS
Data Bus
RD
PORTE
Reset
MCLRE
RD
TRISE
VSS
MCLRE
VDD
Weak
MCLRE
Pin
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other Resets
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
1111 1111
PORTE
—
—
—
—
RE3
RE2
RE1
RE0
---- xxxx
---- uuuu
TRISE
—
—
—
—
TRISE3
TRISE2
TRISE1
TRISE0
---- 1111
---- 1111
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com