Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SSQTP Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 49Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 50Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 51Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 52Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 53Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 54Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 55Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 56Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 51
PIC16F882/883/884/886/887
3.4.4.5
RB4/AN11/P1D(1)
Figure 3-10 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a PWM output
(1)
3.4.4.6
RB5/AN13/T1G
Figure 3-10 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a Timer1 gate input
3.4.4.7
RB6/ICSPCLK
Figure 3-10 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• In-Circuit Serial Programming clock
3.4.4.8
RB7/ICSPDAT
Figure 3-10 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• In-Circuit Serial Programming data
FIGURE 3-10:
BLOCK DIAGRAM OF RB<7:4>
Note 1: P1D is available on PIC16F882/883/886
only.
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
Data Bus
WR
WPUB
RD
WPUB
RD PORTB
RD
PORTB
WR
PORTB
WR
TRISB
RD
TRISB
WR
IOCB
RD
IOCB
Interrupt-on-
Analog(1) Input Mode
RBPU
Change
Q3
Available on PIC16F882/PIC16F883/PIC16F886 only.
Note
1:
ANSELH determines Analog Input mode.
2:
Applies to RB<7:6> pins only).
3:
Applies to RB5 pin only.
To A/D Converter
1
0
CCP1OUT Enable
CCP1OUT
0
1
1
0
Analog(1)
Input Mode
To Timer1 T1G(3)
ICSP™(2)
To ICSPCLK (RB6) and ICSPDAT (RB7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com