Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SSQTP Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 20Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 21Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 22Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 23Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 24Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 25Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 26Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 27Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 22
Preliminary
© 2007 Microchip Technology Inc.
2.2
Data Memory Organization
The data memory (see Figures 2-2 and
2-3) is
partitioned into four banks which contain the General
Purpose Registers (GPR) and the Special Function
Registers (SFR). The Special Function Registers are
located in the first 32 locations of each bank. The
General Purpose Registers, implemented as static
RAM, are located in the last 96 locations of each Bank.
Register locations F0h-FFh in Bank 1, 170h-17Fh in
Bank 2 and 1F0h-1FFh in Bank 3, point to addresses
70h-7Fh in Bank 0. The actual number of General
Purpose Resisters (GPR) implemented in each Bank
depends on the device. Details are shown in
Figures 2-5 and 2-6. All other RAM is unimplemented
and returns ‘0’ when read. RP<1:0> of the STATUS
register are the bank select bits:
RP1 RP0
00
→Bank 0 is selected
01
→Bank 1 is selected
10
→Bank 2 is selected
11
→Bank 3 is selected
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file is organized as 128 x 8 in the
PIC16F882, 256 x 8 in the PIC16F883/PIC16F884, and
368 x 8 in the PIC16F886/PIC16F887. Each register is
accessed, either directly or indirectly, through the File
Select Register (FSR) (see Section 2.4 “Indirect
Addressing, INDF and FSR Registers”).
2.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral functions for controlling the
desired operation of the device (see Table 2-1). These
registers are static RAM.
The special registers can be classified into two sets:
core and peripheral. The Special Function Registers
associated with the “core” are described in this section.
Those related to the operation of the peripheral
features are described in the section of that peripheral
feature.
Note:
The IRP and RP1 bits of the STATUS reg-
ister are reserved and should always be
maintained as ‘0’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com