Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SSQTP Datasheet(PDF) 122 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 122 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 118Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 119Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 120Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 121Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 122Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 123Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 124Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 125Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 120
Preliminary
© 2007 Microchip Technology Inc.
10.3
Write Verify
Depending on the application, good programming
practice may dictate that the value written to the data
EEPROM should be verified (see Example 10-5) to the
desired value to be written.
EXAMPLE 10-5:
WRITE VERIFY
10.3.1
USING THE DATA EEPROM
The
data
EEPROM
is
a
high-endurance,
byte
addressable array that has been optimized for the
storage of frequently changing information (e.g.,
program variables or other data that are updated often).
When variables in one section change frequently, while
variables in another section do not change, it is possible
to exceed the total number of write cycles to the
EEPROM (specification D124) without exceeding the
total number of write cycles to a single byte
(specifications D120 and D120A). If this is the case,
then a refresh of the array must be performed. For this
reason, variables that change infrequently (such as
constants, IDs, calibration, etc.) should be stored in
Flash program memory.
10.4
Protection Against Spurious Write
There are conditions when the user may not want to
write to the data EEPROM memory. To protect against
spurious EEPROM writes, various mechanisms have
been built in. On power-up, WREN is cleared. Also, the
Power-up
Timer
(64 ms
duration)
prevents
EEPROM write.
The write initiate sequence and the WREN bit together
help prevent an accidental write during:
• Brown-out
•Power Glitch
• Software Malfunction
10.5
Data EEPROM Operation During
Code-Protect
Data memory can be code-protected by programming
the CPD bit in the Configuration Word Register 1
(Register 14-1) to ‘0’.
When the data memory is code-protected, only the
CPU is able to read and write data to the data
EEPROM. It is recommended to code-protect the pro-
gram memory when code-protecting data memory.
This prevents anyone from programming zeroes over
the existing code (which will execute as NOPs) to reach
an added routine, programmed in unused program
memory, which outputs the contents of data memory.
Programming unused locations in program memory to
‘0’ will also help prevent data memory code protection
from becoming breached.
BANKSEL EEDAT
;
MOVF
EEDAT, W
;EEDAT not changed
;from previous write
BANKSEL EECON1
;
BSF
EECON1, RD
;YES, Read the
;value written
BANKSEL EEDAT
;
XORWF
EEDAT, W
;
BTFSS
STATUS, Z
;Is data the same
GOTO
WRITE_ERR
;No, handle error
:
;Yes, continue
BCF
STATUS, RP1
;Bank 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com