Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SSQTP Datasheet(PDF) 127 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 127 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 123Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 124Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 125Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 126Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 127Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 128Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 129Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 130Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 125
PIC16F882/883/884/886/887
11.2
Capture/Compare/PWM (CCP2)
The Capture/Compare/PWM module is a peripheral
which allows the user to time and control different
events. In Capture mode, the peripheral allows the
timing of the duration of an event. The Compare mode
allows the user to trigger an external event when a
predetermined amount of time has expired. The PWM
mode can generate a Pulse-Width Modulated signal of
varying frequency and duty cycle.
The timer resources used by the module are shown in
Table 11-2.
Additional information on CCP modules is available in
the Application Note AN594, “Using the CCP Modules”
(DS00594).
TABLE 11-2:
CCP MODE – TIMER
RESOURCES REQUIRED
CCP Mode
Timer Resource
Capture
Timer1
Compare
Timer1
PWM
Timer2
REGISTER 11-2:
CCP2CON: CCP2 CONTROL REGISTER
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2
CCP2M1
CCP2M0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
DC2B<1:0>: PWM Duty Cycle Least Significant bits
Capture mode:
Unused.
Compare mode:
Unused.
PWM mode:
These bits are the two LSbs of the PWM duty cycle. The eight MSbs are found in CCPR2L.
bit 3-0
CCP2M<3:0>: CCP2 Mode Select bits
0000
= Capture/Compare/PWM off (resets CCP2 module)
0001
= Unused (reserved)
0010
= Unused (reserved)
0011
= Unused (reserved)
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, set output on match (CCP2IF bit is set)
1001
= Compare mode, clear output on match (CCP2IF bit is set)
1010
= Compare mode, generate software interrupt on match (CCP2IF bit is set, CCP2 pin
is unaffected)
1011
= Compare mode, trigger special event (CCP2IF bit is set, TMR1 is reset and A/D
conversion is started if the ADC module is enabled. CCP2 pin is unaffected.)
11xx
= PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com