Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SSQTP Datasheet(PDF) 162 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 162 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 158Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 159Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 160Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 161Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 162Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 163Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 164Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 165Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 288 page
background image
PIC16F822/883/884/886/887
DS41291D-page 160
Preliminary
© 2007 Microchip Technology Inc.
REGISTER 12-3:
BAUDCTL: BAUD RATE CONTROL REGISTER
R-0
R-1
U-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ABDOVF: Auto-Baud Detect Overflow bit
Asynchronous mode:
1
= Auto-baud timer overflowed
0
= Auto-baud timer did not overflow
Synchronous mode:
Don’t care
bit 6
RCIDL: Receive Idle Flag bit
Asynchronous mode:
1
= Receiver is Idle
0
= Start bit has been received and the receiver is receiving
Synchronous mode:
Don’t care
bit 5
Unimplemented: Read as ‘0’
bit 4
SCKP: Synchronous Clock Polarity Select bit
Asynchronous mode:
1
= Transmit inverted data to the RB7/TX/CK pin
0
= Transmit non-inverted data to the RB7/TX/CK pin
Synchronous mode:
1
= Data is clocked on rising edge of the clock
0
= Data is clocked on falling edge of the clock
bit 3
BRG16: 16-bit Baud Rate Generator bit
1
= 16-bit Baud Rate Generator is used
0
= 8-bit Baud Rate Generator is used
bit 2
Unimplemented: Read as ‘0’
bit 1
WUE: Wake-up Enable bit
Asynchronous mode:
1
= Receiver is waiting for a falling edge. No character will be received byte RCIF will be set. WUE will
automatically clear after RCIF is set.
0
= Receiver is operating normally
Synchronous mode:
Don’t care
bit 0
ABDEN: Auto-Baud Detect Enable bit
Asynchronous mode:
1
= Auto-Baud Detect mode is enabled (clears when auto-baud is complete)
0
= Auto-Baud Detect mode is disabled
Synchronous mode:
Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com