Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SSQTP Datasheet(PDF) 178 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 178 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 174Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 175Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 176Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 177Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 178Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 179Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 180Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 181Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 176
Preliminary
© 2007 Microchip Technology Inc.
REGISTER 13-1:
SSPSTAT: SSP STATUS REGISTER
R/W-0
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
SMP
CKE
D/A
PS
R/W
UA
BF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
SMP: Sample bit
SPI Master mode:
1
= Input data sampled at end of data output time
0
= Input data sampled at middle of data output time
SPI Slave mode:
SMP must be cleared when SPI is used in Slave mode
In I2C Master or Slave mode:
1
= Slew rate control disabled for standard speed mode (100 kHz and 1 MHz)
0
= Slew rate control enabled for high speed mode (400 kHz)
bit 6
CKE: SPI Clock Edge Select bit
CKP = 0:
1
= Data transmitted on rising edge of SCK
0
= Data transmitted on falling edge of SCK
CKP = 1:
1
= Data transmitted on falling edge of SCK
0
= Data transmitted on rising edge of SCK
bit 5
D/A: Data/Address bit (I2C mode only)
1
= Indicates that the last byte received or transmitted was data
0
= Indicates that the last byte received or transmitted was address
bit 4
P: Stop bit
(I2C mode only. This bit is cleared when the MSSP module is disabled, SSPEN is cleared.)
1
= Indicates that a Stop bit has been detected last (this bit is ‘0’ on Reset)
0
= Stop bit was not detected last
bit 3
S: Start bit
(I2C mode only. This bit is cleared when the MSSP module is disabled, SSPEN is cleared.)
1
= Indicates that a Start bit has been detected last (this bit is ‘0’ on Reset)
0
= Start bit was not detected last
bit 2
R/W: Read/Write bit information (I2C mode only)
This bit holds the R/W bit information following the last address match. This bit is only valid from the address match to
the next Start bit, Stop bit, or not ACK bit.
In I2C Slave mode:
1
= Read
0
= Write
In I2C Master mode:
1
= Transmit is in progress
0
= Transmit is not in progress
OR-ing this bit with SEN, RSEN, PEN, RCEN, or ACKEN will indicate if the MSSP is in Idle mode.
bit 1
UA: Update Address bit (10-bit I2C mode only)
1
= Indicates that the user needs to update the address in the SSPADD register
0
= Address does not need to be updated
bit 0
BF: Buffer Full Status bit
Receive (SPI and I2C modes):
1
= Receive complete, SSPBUF is full
0
= Receive not complete, SSPBUF is empty
Transmit (I2C mode only):
1
= Data transmit in progress (does not include the ACK and Stop bits), SSPBUF is full
0
= Data transmit complete (does not include the ACK and Stop bits), SSPBUF is empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com