Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8020BPHPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020BPHPR
Description  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020BPHPR Datasheet(HTML) 4 Page - Texas Instruments

  TUSB8020BPHPR Datasheet HTML 1Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 2Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 3Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 4Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 5Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 6Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 7Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 8Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
TUSB8020B
SLLSEF6C – JULY 2014 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TUSB8020B
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
CLOCK AND RESET SIGNALS
GRSTz
11
I
PU
Global power reset. This reset brings all of the TUSB8020B internal registers to their default states. When GRSTz is asserted,
the device is completely nonfunctional.
XI
38
I
Crystal input. This terminal is the crystal input for the internal oscillator. The input may alternately be driven by the output of an
external oscillator. When using a crystal a 1-M
Ω feedback resistor is required between XI and XO.
XO
39
O
Crystal output. This terminal is the crystal output for the internal oscillator. If XI is driven by an external oscillator this pin may be
left unconnected. When using a crystal a 1-M
Ω feedback resistor is required between XI and XO.
USB UPSTREAM SIGNALS
USB_SSTXP_UP
29
O
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_UP
28
O
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_UP
32
I
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_UP
31
I
USB SuperSpeed receiver differential pair (negative)
USB_DP_UP
26
I/O
USB high-speed differential transceiver (positive)
USB_DM_UP
27
I/O
USB high-speed differential transceiver (negative)
USB_R1
24
I
Precision resistor reference. A 9.53-k
Ω ±1% resistor should be connected between USB_R1 and GND.
USB_VBUS
9
I
USB upstream port power monitor. The VBUS detection requires a voltage divider. The signal USB_VBUS must be connected to
VBUS through a 90.9-k
Ω ±1% resistor, and to ground through a
10-k
Ω ±1% resistor from the signal to ground.
USB DOWNSTREAM SIGNALS
USB_SSTXP_DN1
43
O
USB SuperSpeed transmitter differential pair (positive) downstream port 1.
USB_SSTXM_DN1
44
O
USB SuperSpeed transmitter differential pair (negative) downstream port 1.
USB_SSRXP_DN1
46
I
USB SuperSpeed receiver differential pair (positive) downstream port 1.
USB_SSRXM_DN1
47
I
USB SuperSpeed receiver differential pair (negative) downstream port 1.
USB_DP_DN1
41
I/O
USB high-speed differential transceiver (positive) downstream port 1.
USB_DM_DN1
42
I/O
USB high-speed differential transceiver (negative) downstream port 1.
PWRCTL1/BATEN1
4
I/O
PD
USB port 1 power-on control for downstream power or battery charging enable. The terminal is used for control of the
downstream power switch for Port 1.
In addition, the value of the terminal is sampled at the deassertion of reset to determine the value of the battery charging
support for Port 1 as indicated in the Battery Charging Support register.
0 = Battery charging not supported
1 = Battery charging supported
OVERCUR1z
5
I
PU
USB DS port 1 overcurrent detection input. This terminal is used to connect the over current output of the downstream port
power switch for port 1.
0 = An overcurrent event has occurred
1 = An overcurrent event has not occurred
If power management is enabled, the external circuitry needed should be determined by the power switch. In ganged mode,
either OVERCUR1z or OVERCUR2z can be used. In ganged mode, the overcurrent will be reported as a hub event instead of a
port event.
USB_SSTXP_DN2
16
O
USB SuperSpeed transmitter differential pair (positive) downstream port 2.
USB_SSTXM_DN2
17
O
USB SuperSpeed transmitter differential pair (negative) downstream port 2.
USB_SSRXP_DN2
19
I
USB SuperSpeed receiver differential pair (positive) downstream port 2.
USB_SSRXM_DN2
20
I
USB SuperSpeed receiver differential pair (negative) downstream port 2.
USB_DP_DN2
14
I/O
USB high-speed differential transceiver (positive) downstream port 2.
USB_DM_DN2
15
I/O
USB high-speed differential transceiver (negative) downstream port 2.
PWRCTL2/BATEN2
6
I/O
PD
Power-on control /battery charging enable for downstream port 2. This terminal is used for control of the downstream power
switch for port 2.
The value of the terminal is sampled at the deassertion of reset to determine the value of the battery charging support for port 2
as indicated in the Battery Charging Support register.
0 = Battery charging not supported
1 = Battery charging supported
OVERCUR2z
8
I
PU
Overcurrent detection for downstream port 2. This terminal is used to connect the over current output of the downstream port
power switch for port 2.
0 = An overcurrent event has occurred
1 = An overcurrent event has not occurred
If power management is enabled, the external circuitry needed should be determined by the power switch. In ganged mode
either OVERCUR1z or OVERCUR2z can be used. In ganged mode the overcurrent will be reported as a hub event instead of a
port event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com