Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8020BPHPR Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020BPHPR
Description  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020BPHPR Datasheet(HTML) 43 Page - Texas Instruments

Back Button TUSB8020BPHPR Datasheet HTML 36Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 37Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 38Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 39Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 40Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 41Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 42Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 43Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 44Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(3.62)
44X (0.5)
48X (1.6)
48X (0.3)
(R0.05) TYP
(8.5)
(8.5)
(3.62)
BASED ON
0.125 THICK
STENCIL
3.06 x 3.06
0.175
3.30 x 3.30
0.150
3.62 x 3.62 (SHOWN)
0.125
4.05 X 4.05
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS
PowerPAD
HTQFP - 1.2 mm max height
PHP0048E
4226616 /A 02/2021
NOTES: (continued)
11. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
12. Board assembly site may have different recommendations for stencil design.
TM
SOLDER PASTE EXAMPLE
EXPOSED PAD
100% PRINTED SOLDER COVERAGE BY AREA
SCALE:8X
SEE TABLE FOR
DIFFERENT OPENINGS
FOR OTHER STENCIL
THICKNESSES
BASED ON
0.125 THICK STENCIL
SYMM
SYMM
48
37
13
24
25
36
1
12
BY SOLDER MASK
METAL COVERED
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com