Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8020BPHPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020BPHPR
Description  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020BPHPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB8020BPHPR Datasheet HTML 15Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 16Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 17Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 18Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 19Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 20Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 21Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 22Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
19
TUSB8020B
www.ti.com
SLLSEF6C – JULY 2014 – REVISED JUNE 2017
Product Folder Links: TUSB8020B
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
8.5.1.11 Device Configuration Register 2 (offset = Ah)
Figure 13. Register Offset Ah
7
6
5
4
3
2
1
0
0
0
X
0
0
0
0
0
R
RW
RW
RW
RW
RW
RW
R
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 14. Bit Descriptions – Device Configuration Register 2
Bit
Field Name
Access
Reset
Description
7
RSVD
RO
Reserved. Read only, returns 0 when read.
6
customBCfeatures
RW
Custom Battery Charging Feature Enable. This bit controls the ability to write to the
battery charging feature configuration controls.
0 = The HiCurAcpModeEn and AutoModeEnz bits are read only and the values
are loaded from the OTP ROM.
1 = The HiCurAcpModeEn and AutoModeEnz bits are read/write and can be
loaded by EEPROM or written by SMBus. from this register.
This bit may be written simultaneously with HiCurAcpModeEn and AutoModeEnz.
5
pwrctlPol
RW
Power enable polarity. This bit is loaded at the deassertion of reset with the inverse
value of the PWRCTL_POL terminal.
0 = PWRCTL polarity is active low
1 = PWRCTL polarity is active high
When the TUSB8020B is in I2C mode, the TUSB8020B loads this bit from the contents
of the EEPROM.
When the TUSB8020B is in SMBUS mode, the value may be overwritten by an SMBus
host.
4
HiCurAcpModeEn
RO/RW
High-current ACP mode enable. This bit enables the high-current tablet charging mode
when the automatic battery charging mode is enabled for downstream ports.
0 = High current divider mode disabled
1 = High current divider mode enabled
This bit is read only unless the customBCfeatures bit is set to 1. Otherwise the value of
this bit reflects the value of the OTP ROM HiCurAcpModeEn bit.
3
RSVD
RW
Reserved
2
dsportEcrEn
RW
DSPort ECR enable. This bit enables full implementation of the DSPORT ECR (April
2013).
0 = DSPort ECR (April 2013) is enabled with the exception of changes related
to the CCS bit is set upon entering U0, and changes related to avoiding or
reporting compliance mode entry.
1 = The full DSport ECR (April 2013) is enabled.
1
autoModeEnz
RO/RW
Automatic Mode Enable. This bit is loaded from the OTP ROM.
The automatic mode only applies to downstream ports with battery charging enabled
when the upstream port is not connected. Under these conditions:
0 = Automatic mode battery charging features are enabled. Only battery
charging DCP and custom BC (divider mode) is enabled.
1 = Automatic mode is disabled; only battery charging DCP and CDP mode is
supported.
Note: When the upstream port is connected, battery charging CDP mode is supported
on all ports when this field is one.
This bit is read only unless the customBCfeatures bit is set to 1. Otherwise the value of
this bit reflects the value of the OTP ROM AutoModeEnz bit.
0
RSVD
RO
Reserved. Read only, returns 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com