Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8020BPHPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020BPHPR
Description  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020BPHPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB8020BPHPR Datasheet HTML 7Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 8Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 9Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 10Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 11Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 12Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 13Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 14Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Copyright © 2017, Texas Instruments Incorporated
11
TUSB8020B
www.ti.com
SLLSEF6C – JULY 2014 – REVISED JUNE 2017
Product Folder Links: TUSB8020B
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
8.3.4 Clock Generation
The TUSB8020B accepts a crystal input to drive an internal oscillator or an external clock source. If a crystal is
used, a 1-M
Ω shunt resistor is required. Keep the XI and XO traces as short as possible and away from any
switching leads to minimize noise coupling.
Figure 2. TUSB8020B Clock
8.3.4.1 Crystal Requirements
The crystal must be fundamental mode with load capacitance of 12 to 24 pF and frequency stability rating of
±100 PPM or better. To ensure proper startup oscillation condition, TI recommends a maximum crystal
equivalent series resistance (ESR) of 50 Ω. A parallel load capacitor should be used if a crystal source is used.
The exact load capacitance value used depends on the crystal vendor. Refer to application note Selection and
Specification of Crystals for Texas Instruments USB 2.0 Devices (SLLA122) for details on how to determine the
load capacitance value.
8.3.4.2 Input Clock Requirements
When using an external clock source such as an oscillator, the reference clock should have a ±100 PPM or
better frequency stability and have less than 50-ps absolute peak-to-peak jitter or less than 25-ps peak-to-peak
jitter after applying the USB 3.0 jitter transfer function. XI should be tied to the 1.8-V clock source and XO should
be left floating.
8.3.5 Power-Up and Reset
The TUSB8020B does not have specific power sequencing requirements with respect to the VDD or VDD33
power rails. The VDD or VDD33 power rails may be powered up for an indefinite period of time while the other is
not powered up if all of these constraints are met:
•
All maximum ratings and recommended operating conditions are observed.
•
All warnings about exposure to maximum rated and recommended conditions are observed, particularly
junction temperature. These apply to power transitions as well as normal operation.
•
Bus contention while VDD33 is powered-up must be limited to 100 hours over the projected lifetime of the
device.
•
Bus contention while VDD33 is powered-down may violate the absolute maximum ratings.
A supply bus is powered up when the voltage is within the recommended operating range. A supply bus is
powered down when it is below that range, either stable or in transition.
A minimum reset duration of 3 ms is required, which is defined as the time when the power supplies are in the
recommended operating range to the deassertion of GRSTz. This can be generated using programmable-delay
supervisory device or using an RC circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com