Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8020BPHPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020BPHPR
Description  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020BPHPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB8020BPHPR Datasheet HTML 13Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 14Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 15Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 16Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 17Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 18Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 19Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 20Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
17
TUSB8020B
www.ti.com
SLLSEF6C – JULY 2014 – REVISED JUNE 2017
Product Folder Links: TUSB8020B
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
8.5.1.7 Battery Charging Support Register (offset = 6h) [reset = 0Xh]
Figure 9. Register Offset 6h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
X
X
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 10. Battery Charging Support Register
Bit
Field
Type
Reset
Description
7:2
RSVD
R
0Xh
Reserved. Read only, returns 0 when read.
1:0
batEn[1:0]
R/W
0Xh
Battery Charger Support. The bits in this field indicate whether the downstream port
implements the charging port features.
0 = The port is not enabled for battery charging support features
1 = The port is enabled for battery charging support features
Each bit corresponds directly to a downstream port, that is batEn0 corresponds to
downstream port 1, and batEN1 corresponds to downstream port 2.
The default value for these bits are loaded at the deassertion of reset with the value of
PWRCTL/BATEN[1:0].
When in I2C/SMBus mode the bits in this field may be overwritten by EEPROM contents or
by an SMBus host.
8.5.1.8 Device Removable Configuration Register (offset = 7h) [reset = 0Xh]
Figure 10. Register Offset 7h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
X
X
R/W
R
R
R
R
R
R
R/W
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 11. Device Removable Configuration Register
Bit
Field
Type
Reset
Description
7
customRmbl
R/W
0Xh
Custom removable status. When this field is a 1, the TUSB8020B uses rmbl bits in this
register to identify removable status for the ports.
6:2
RSVD
R
0Xh
Reserved. Read only, returns 0 when read. Bits 3:2 are RW. They are reserved and
return 0 when read.
1:0
rmbl[1:0]
R/W
0Xh
Removable. The bits in this field indicate whether a device attached to downstream
ports 2 through 1 are removable or permanently attached.
0 = The device attached to the port is not removable
1 = The device attached to the port is removable
Each bit corresponds directly to a downstream port n + 1, that is rmbl0 corresponds to
downstream port 1, rmbl1 corresponds to downstream port 2, and so forth.
This field is read only unless the customRmbl bit is set to 1. Otherwise the value of this
filed reflects the inverted values of the OTP ROM non_rmb[1:0] field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com