Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8020BPHPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020BPHPR
Description  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020BPHPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB8020BPHPR Datasheet HTML 12Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 13Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 14Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 15Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 16Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 17Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 18Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 19Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
16
TUSB8020B
SLLSEF6C – JULY 2014 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TUSB8020B
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
8.5.1.6 Device Configuration Register (offset = 5h) [reset = 1Xh]
Figure 8. Register Offset 5h
7
6
5
4
3
2
1
0
0
0
0
1
X
X
0
0
R/W
R/W
R/W
R
R/W
R/W
R/W
R
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 9. Device Configuration Register
Bit
Field
Type
Reset
Description
7
customStrings
R/W
1Xh
Custom strings enable. This bit controls the ability to write to the Manufacturer String
Length, Manufacturer String, Product String Length, Product String, and Language ID
registers.
0 = The Manufacturer String Length, Manufacturer String, Product String Length, Product
String, and Language ID registers are read only.
1 = The Manufacturer String Length, Manufacturer String, Product String Length, Product
String, and Language ID registers may be loaded by EEPROM or written by SMBus.
The default value of this bit is 0.
6
customSernum
R/W
1Xh
Custom serial number enable. This bit controls the ability to write to the serial number
registers.
0 = The Serial Number String Length and Serial Number String registers are read only.
1 = The Serial Number String Length and Serial Number String registers may be loaded
by EEPROM or written by SMBus.
The default value of this bit is 0.
5
u1u2Disable
R/W
1Xh
U1 U2 Disable. This bit controls the U1/U2 support.
0 = U1/U2 support is enabled.
1 = U1/U2 support is disabled, the TUSB8020B does not initiate or accept any U1 or U2
requests on any port, upstream or downstream, unless it receives or sends a
Force_LinkPM_Accept LMP. After receiving or sending an FLPMA LMP, it continues to
enable U1 and U2 according to USB 3.0 protocol until it gets a power-on reset or is
disconnected on its upstream port.
When the TUSB8020B is in I2C mode, the TUSB8020B loads this bit from the contents of
the EEPROM.
When the TUSB8020B is in SMBUS mode, the value may be overwritten by an SMBus
host.
4
RSVD
R
1Xh
Reserved. This bit is reserved and returns 1 when read.
3
ganged
R/W
1Xh
Ganged. This bit is loaded at the deassertion of reset with the value of the
GANGED/SMBA2/HS_UP terminal.
0 = When fullPwrMgmtz = 0, each port is individually power switched and enabled by the
PWRCTL[2:1]/BATEN[2:1] terminals
1 = When fullPwrMgmtz = 0, the power switch control for all ports is ganged and enabled
by the PWRCTL1/BATEN1 terminal
When the TUSB8020B is in I2C mode, the TUSB8020B loads this bit from the contents of
the EEPROM.
When the TUSB8020B is in SMBUS mode, the value may be overwritten by an SMBus
host.
2
fullPwrMgmtz
R/W
1Xh
Full Power Management. This bit is loaded at the deassertion of reset with the value of
the FULLPWRMGMTz/SMBA1/SS_UP terminal.
0 = Port power switching and over-current status reporting is enabled
1 = Port power switching and over-current status reporting is disabled
When the TUSB8020B is in I2C mode, the TUSB8020B loads this bit from the contents of
the EEPROM.
When the TUSB8020B is in SMBUS mode, the value may be overwritten by an SMBus
host.
1
RSVD
R/W
1Xh
Reserved. This bit is reserved and should not be altered from the default.
0
RSVD
R
1Xh
Reserved. This field is reserved and returns 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com