Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8020BPHPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020BPHPR
Description  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020BPHPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB8020BPHPR Datasheet HTML 17Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 18Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 19Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 20Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 21Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 22Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 23Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 24Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21
TUSB8020B
www.ti.com
SLLSEF6C – JULY 2014 – REVISED JUNE 2017
Product Folder Links: TUSB8020B
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
8.5.1.15 Serial Number String Length Register (offset = 22h)
Figure 17. Register Offset 22h
7
6
5
4
3
2
1
0
0
0
0
1
1
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 18. Bit Descriptions – Serial Number String Length Register
Bit
Field Name
Access
Reset
Description
7:6
RSVD
RO
Reserved. Read only, returns 0 when read.
5:0
serNumStringLen
RO/RW
Serial number string length. The string length in bytes for the serial number string. The
default value is 18h indicating that a 24-byte serial number string is supported. The
maximum string length is 32 bytes.
When customSernum is 1, this field may be overwritten by the contents of an attached
EEPROM or by an SMBus host.
When the field is non-zero, a serial number string of serNumbStringLen bytes is
returned at string index 1 from the data contained in the Serial Number String registers.
8.5.1.16 Manufacturer String Length Register (offset = 23h)
Figure 18. Register Offset 23h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 19. Bit Descriptions – Manufacturer String Length Register
Bit
Field Name
Access
Reset
Description
7
RSVD
RO
Reserved. Read only, returns 0 when read.
6:0
mfgStringLen
RO/RW
Manufacturer string length. The string length in bytes for the manufacturer string. The default
value is 0, indicating that a manufacturer string is not provided. The maximum string length is
64 bytes.
When customStrings is 1, this field may be overwritten by the contents of an attached
EEPROM or by an SMBus host.
When the field is non-zero, a manufacturer string of mfgStringLen bytes is returned at string
index 3 from the data contained in the Manufacturer String registers.
8.5.1.17 Product String Length Register (offset = 24h)
Figure 19. Register Offset 24h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 20. Bit Descriptions – Product String Length Register
Bit
Field Name
Access
Reset
Description
7
RSVD
RO
Reserved. Read only, returns 0 when read.
6:0
prodStringLen
RO/RW
Product string length. The string length in bytes for the product string. The default value is
0, indicating that a product string is not provided. The maximum string length is 64 bytes.
When customStrings is 1, this field may be overwritten by the contents of an attached
EEPROM or by an SMBus host.
When the field is non-zero, a product string of prodStringLen bytes is returned at string
index 2 from the data contained in the Product String registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com