Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094ADLF Datasheet(PDF) 19 Page - STMicroelectronics

Part # STW5094ADLF
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094ADLF Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STW5094ADLF Datasheet HTML 15Page - STMicroelectronics STW5094ADLF Datasheet HTML 16Page - STMicroelectronics STW5094ADLF Datasheet HTML 17Page - STMicroelectronics STW5094ADLF Datasheet HTML 18Page - STMicroelectronics STW5094ADLF Datasheet HTML 19Page - STMicroelectronics STW5094ADLF Datasheet HTML 20Page - STMicroelectronics STW5094ADLF Datasheet HTML 21Page - STMicroelectronics STW5094ADLF Datasheet HTML 22Page - STMicroelectronics STW5094ADLF Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
19/51
STw5094A
Control Register CR11 Functions (Address: 0x0B)
*: state at power on initialization
X: reserved: write 0
Control Register CR12 Functions (Address: 0x0C)
*: state at power on initialization
X: reserved write 0
Control Register CR13 Functions (Address: 0x0D)
Control Register CR14 Functions (Address: 0x0E)
7654
3210
Function
FMRA(4:0)
XXX
0
0
-
0
-
1
0
0
-
1
-
0
0
0
-
0
-
0
0
0
-
0
-
1
0
1
-
1
-
1
FM Preamplifier (Right channel) +18 dB gain
FM Preamplifier (Right channel) +16 dB gain
FM Preamplifier (Right channel) gain in 2 dB step
FM Preamplifier (Right channel) 0 dB gain
*
FM Preamplifier (Right channel) gain in 2 dB step
FM Preamplifier (Right channel) -20 dB gain
76
54321
0
Function
TONEG(3:0)
FSEL(1:0)
SN
DE
0
0
-
1
0
0
-
0
0
0
-
1
0
1
-
1
Tone gain is 0 dB
*
Tone gain is -3 dB
Tone gain in 3 dB step
Tone gain is -33 dB
0
0
1
1
0
1
0
1
f1 and f2 muted
*
f1 selected
f2 selected
f1 and f2 in summed mode
0
1
Squarewave signal selected
*
Sinewave signal selected
0
1
Tone
⁄ Ring Generator not connected to Transmit path *
Tone
⁄ Ring Generator connected to Transmit path
7654
3210
Function
F1(7:0)
msb
lsb
Binary equivalent of the decimal number used to calculate f1
See Table 1
7654
3210
Function
F2(7:0)
msb
lsb
Binary equivalent of the decimal number used to calculate f2
See Table 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com