Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094ADLF Datasheet(PDF) 36 Page - STMicroelectronics

Part # STW5094ADLF
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094ADLF Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STW5094ADLF Datasheet HTML 32Page - STMicroelectronics STW5094ADLF Datasheet HTML 33Page - STMicroelectronics STW5094ADLF Datasheet HTML 34Page - STMicroelectronics STW5094ADLF Datasheet HTML 35Page - STMicroelectronics STW5094ADLF Datasheet HTML 36Page - STMicroelectronics STW5094ADLF Datasheet HTML 37Page - STMicroelectronics STW5094ADLF Datasheet HTML 38Page - STMicroelectronics STW5094ADLF Datasheet HTML 39Page - STMicroelectronics STW5094ADLF Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
STw5094A
36/51
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCCIO = 1.8V to 3.3V, Tamb = -30°C to 85°C; typical characteristic are speci-
fied at VCCIO = 3.0V, Tamb = 25°C; all signals are referenced to GND.
Digital Interfaces (Figure 16)
Analog Interfaces
*: with series resistors
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
All digital inputs except
REMIN
DC
AC
0.3VCCIO
0.2VCCIO
V
V
VIH
Input High Voltage
All digital inputs except
REMIN
DC
AC
0.7VCCIO
0.8VCCIO
V
V
VILREM
Input Low Voltage
REMIN input
0.5
V
VIHREM
Input High Voltage
REMIN input
1.4
V
VOL
Output Low Voltage
All digital outputs, IL =10
µA
All digital outputs, IL =2mA
0.1
0.4
V
V
VOH
Output High Voltage
All digital outputs, IL = 10
µA
All digital outputs, IL = 2mA
VCCIO-0.1
VCCIO-0.4
V
V
IIL
Input Low Current
Any digital input,
GND < VIN < VIL
-10
10
µA
IIH
Input High Current
Any digital input,
VIH < VIN < VCCIO
-10
10
µA
IOZ
Output Current in High
impedance (Tristate)
DX and CO
-10
10
µA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RMBIAS
MBIAS Output Resistance
MBIAS 100mV under VCC
150
Ω
IMIC
MIC Input Leakage
GND < VMIC < VCC
-100
+100
µA
RMIC
MIC Input Resistance
GND < VMIC < VCC
50
k
Ω
RFM
FM Input Resistance
FML, FMR to CAP2
30
k
Ω
RLHP
Single Ended Drivers Load
Resistance
HPL, HPR to GNDP or VCMHP
16
Ω
CLHP
Single Ended Drivers Load
Capacitance
HPL, HPR to GNDP or VCMHP
100
50*
pF
nF
ROVHP
Single Ended Drivers Output
Resistance
Steady zero PCM code applied to
DR; I =
±1mA
1
Ω
RLLS
Differential Driver Load
Resistance
LSP to LSN
8
Ω
CLLS
Differential Driver Load
Capacitance
LSP to LSN
100
50*
pF
nF
ROLS
Differential Driver Output
Resistance
Steady zero PCM code applied to
DR; I =
±1mA
1
Ω
VOSLS
Differential offset Voltage at
LSP, LSN
Alternating
± zero PCM code
applied to DR maximum receive
gain; RL =50
Ω
-50
+50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com