Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094ADLF Datasheet(PDF) 32 Page - STMicroelectronics

Part # STW5094ADLF
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094ADLF Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STW5094ADLF Datasheet HTML 28Page - STMicroelectronics STW5094ADLF Datasheet HTML 29Page - STMicroelectronics STW5094ADLF Datasheet HTML 30Page - STMicroelectronics STW5094ADLF Datasheet HTML 31Page - STMicroelectronics STW5094ADLF Datasheet HTML 32Page - STMicroelectronics STW5094ADLF Datasheet HTML 33Page - STMicroelectronics STW5094ADLF Datasheet HTML 34Page - STMicroelectronics STW5094ADLF Datasheet HTML 35Page - STMicroelectronics STW5094ADLF Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
STw5094A
32/51
Figure 15. Control interface (I2C I/F) timing
Figure 16. A.C. Testing input, output waveform
(STO)
tSU
(STA)
tSU
(STA)
tHD
(DAT)
tSU
tHIGH
tBUF
(DAT)
tHD
tF
tR
tLOW
(STA)
tHD
P
S
P
Sr
SCL
SDA
P=STOP
S = START
Sr = START repeated
AC Testing: inputs are driven at 0.8VCCIO for a logic "1" and 0.2VCCIO for a logic "0".
Timing measurements are made at 0.7VCCIO for a logic "1" and 0.3VCCIO for a logic "0".
Test points
0.7VCCIO
0.3VCCIO
0.7VCCIO
0.3VCCIO
0.8VCCIO
0.2VCCIO
INPUT
⁄ OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com