Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094ADLF Datasheet(PDF) 47 Page - STMicroelectronics

Part # STW5094ADLF
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094ADLF Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STW5094ADLF Datasheet HTML 43Page - STMicroelectronics STW5094ADLF Datasheet HTML 44Page - STMicroelectronics STW5094ADLF Datasheet HTML 45Page - STMicroelectronics STW5094ADLF Datasheet HTML 46Page - STMicroelectronics STW5094ADLF Datasheet HTML 47Page - STMicroelectronics STW5094ADLF Datasheet HTML 48Page - STMicroelectronics STW5094ADLF Datasheet HTML 49Page - STMicroelectronics STW5094ADLF Datasheet HTML 50Page - STMicroelectronics STW5094ADLF Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
47/51
STw5094A
APPLICATION NOTE
10
µF
VCMHP
100k
Ω
16
Ω Min.
BC546
BC556
100k
Ω
1k
Ω
33k
Ω
DX
DR
MCLK
FS
SCK
AMCK
LRCK
SDI
AUXCLK
BZ
SDA
SCL
REMOUT/OCK
100nF
100nF
8
Ω Min.
LSP
LSN
0.47
µF
FMR
0.47
µF
FML
10
µF
CAP2
HPR
HPL
1.5k
Ω
3k
Ω
10
µF
VDD
REMIN
100nF
MIC3
100nF
MIC2N
100nF
MIC2P
MIC1N
10
µF
1.8k
Ω
750
Ω
100nF
100nF
750
Ω
1.8k
Ω
MIC1P
MBIAS
Aux Mic.
R
L
Line In
(From FM Stereo Decoder)
VDD
1
µF
100nF
100nF
Auxiliary Clock
To Microprocessor/
VDD
Buzzer
32
Ω
STw5094A
Call/Answer Button
Electret
Electret
System Clock (Audio)
[9.5MHz-28MHz]
Clock
Data
Fs
Data
Data Clock
Audio Data
Interface
I
2
C Bus
[8kHz-48kHz]
Fs
[8kHz/16kHz]
Data TX
Data RX
Voice Ck
Interface
PCM
Clock Out
VDDP
VDDIO
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com